Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRTAG2K-D Datasheet(PDF) 25 Page - STMicroelectronics

Part # SRTAG2K-D
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2K-D Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SRTAG2K-D Datasheet HTML 21Page - STMicroelectronics SRTAG2K-D Datasheet HTML 22Page - STMicroelectronics SRTAG2K-D Datasheet HTML 23Page - STMicroelectronics SRTAG2K-D Datasheet HTML 24Page - STMicroelectronics SRTAG2K-D Datasheet HTML 25Page - STMicroelectronics SRTAG2K-D Datasheet HTML 26Page - STMicroelectronics SRTAG2K-D Datasheet HTML 27Page - STMicroelectronics SRTAG2K-D Datasheet HTML 28Page - STMicroelectronics SRTAG2K-D Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
DocID025446 Rev 3
25/51
SRTAG2K-D
RF command sets
5.6.3
NDEF Tag Application Select command
the RF host shall send this command to activate the NDEF Tag Application.
To activate the NDEF Tag Application, the RF host sends the Select command (see
Table 21
) in addition to the sequence defined in the NFC Forum digital protocol.
Table 21
defines the C-APDU of the Select command to select the NDEF Tag Application
(called NDEF Tag Application Select).
Table 22
defines the R-APDU of the NDEF Tag Application Select command.
5.6.4
Capability Container Select command
The RF host uses the Capability Container Select procedure to select the capability
container (CC) file.
The CC file is selected when this command returns "command completed" in the R-APDU.
Table 23
defines the C-APDU of the Select command to select the CC file (called Capability
Container Select).
Table 21. C-APDU of the NDEF Tag Application Select command
Name
CLA
INS
P1
P2
Lc
Data
Le
Value
0x00
0xA4
0x04
0x00
0x07
0xD27600
00850101
0x00
Class byte
Select instruction code
P1 field
P2 field
Number of bytes of data
Application ID
Le field
Table 22. R-APDU of the NDEF Tag Application Select command
Data
SW1
SW2
Comment
Length
-
1 byte
1 byte
-
Value
-
0x90
0x00
Command completed
Value
-
0x6A
0x82
NDEF Tag Application not found
Value
-
0x6D
0x00
Class not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com