Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRTAG2K-D Datasheet(PDF) 43 Page - STMicroelectronics

Part # SRTAG2K-D
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2K-D Datasheet(HTML) 43 Page - STMicroelectronics

Back Button SRTAG2K-D Datasheet HTML 39Page - STMicroelectronics SRTAG2K-D Datasheet HTML 40Page - STMicroelectronics SRTAG2K-D Datasheet HTML 41Page - STMicroelectronics SRTAG2K-D Datasheet HTML 42Page - STMicroelectronics SRTAG2K-D Datasheet HTML 43Page - STMicroelectronics SRTAG2K-D Datasheet HTML 44Page - STMicroelectronics SRTAG2K-D Datasheet HTML 45Page - STMicroelectronics SRTAG2K-D Datasheet HTML 46Page - STMicroelectronics SRTAG2K-D Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
DocID025446 Rev 3
43/51
SRTAG2K-D
Maximum rating
9
Maximum rating
Stressing the device above the rating listed in Table 53 may cause permanent damage to
the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect the device
reliability.
Table 53. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
-40
85
°C
TSTG, hSTG,
tSTG
Storage conditions
Sawn wafer on
UV tape
15
25
°C
6 (1)
1. Counted from ST shipment date.
months
kept in its original packing form
TSTG
Storage temperature
UFDFPN8
–65
150
°C
TSTG
Storage temperature
Sawn Bumped
Wafer
(kept in its
antistatic bag)
15
25
°C
Storage time
6
months
TLEAD
Lead temperature
during soldering
UFDFPN8
see note (2)
2. Compliant with JEDEC Std J-STD-020D (for small body, Sn-Pb or Pb assembly), the ST ECOPACK®
7191395 specification, and the European directive on Restrictions on Hazardous Substances (ROHS
directive 2011/65/EU, July 2011).
°C
RFSession
RF Session pad output range
-0.50
6.5
V
ICC (3)
3. Based on characterization, not tested in production. Maximum absorbed power = 100 mW @ 7.5 A/m
RF supply current AC0 - AC1
-
100
mA
VMAX_1 (3)
RF input voltage
amplitude between
AC0 and AC1, GND
pad left floating
VAC0-VAC1
-
10
V
VMAX_2 (3)
AC voltage between
AC0 and GND, or AC1
and GND
VAC0-GND or
VAC1-GND
-0.5
4.5
V
VESD
Electrostatic discharge
voltage (human body
model) (4)
4. AEC-Q100-002 (compliant with JEDEC Std JESD22-A114A, C1 = 100 pF, R1 = 1500
Ω, R2 = 500 Ω)
AC0-AC1
-
1000
V
VESD
Electrostatic discharge
voltage (human body
model) (4)
RF Session
-
3500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com