Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25TA02K-D Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST25TA02K-D
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-D Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST25TA02K-D Datasheet HTML 51Page - STMicroelectronics ST25TA02K-D Datasheet HTML 52Page - STMicroelectronics ST25TA02K-D Datasheet HTML 53Page - STMicroelectronics ST25TA02K-D Datasheet HTML 54Page - STMicroelectronics ST25TA02K-D Datasheet HTML 55Page - STMicroelectronics ST25TA02K-D Datasheet HTML 56Page - STMicroelectronics ST25TA02K-D Datasheet HTML 57Page - STMicroelectronics ST25TA02K-D Datasheet HTML 58Page - STMicroelectronics ST25TA02K-D Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
DocID027817 Rev 1
55/64
ST25TA02K-D
Maximum rating
58
9
Maximum rating
Stressing the device above the rating listed in Table 56 may cause permanent damage to
the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect the device
reliability.
Table 56. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
-40
85
°C
TSTG,
hSTG,
tSTG
Storage conditions
Sawn wafer
on UV tape
15
25
°C
-6 (1)
1. Counted from ST shipment date.
months
Kept in its original packing form
TSTG
Storage temperature
UFDFPN8 or
UFDFPN5
–65
150
°C
TSTG
Storage temperature
Sawn bumped
Wafer
(kept in its
antistatic bag)
15
25
°C
Storage time
-
6
months
TLEAD
Lead temperature
during soldering
UFDFPN8 or
UFDFPN5
see note (2)
2. Compliant with JEDEC Std J-STD-020D (for small body, Sn-Pb or Pb assembly), the ST ECOPACK®
7191395 specification, and the European directive on Restrictions on Hazardous Substances (ROHS
directive 2011/65/EU, July 2011).
°C
VDCG
GPO Power Supply
-0.5
5.5
V
ICC (3)
3. Based on characterization, not tested in production. Maximum absorbed power = 100 mW @ 7.5 A/m
RF supply current AC0 - AC1
-
64
mA
VMAX_1 (3)
RF input voltage
amplitude between
AC0 and AC1, VSS pad
left floating
VAC0-VAC1
(Peak to Peak)
-10
V
VMAX_2 (3)
AC voltage between
AC0 and VSS, or AC1
and VSS
VAC0-VSS or
VAC1-VSS
-0.5
4.5
V
VESD
Electrostatic discharge
voltage (human body
model) (4)
4. AEC-Q100-002 (compliant with JEDEC Std JESD22-A114A, C1 = 100 pF, R1 = 1500
Ω, R2 = 500 Ω)
AC0-AC1
-
1000
V
VESD
Electrostatic discharge
voltage (human body
model) (4)
Other pads
-
3500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com