Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25TA02K-D Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST25TA02K-D
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-D Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST25TA02K-D Datasheet HTML 43Page - STMicroelectronics ST25TA02K-D Datasheet HTML 44Page - STMicroelectronics ST25TA02K-D Datasheet HTML 45Page - STMicroelectronics ST25TA02K-D Datasheet HTML 46Page - STMicroelectronics ST25TA02K-D Datasheet HTML 47Page - STMicroelectronics ST25TA02K-D Datasheet HTML 48Page - STMicroelectronics ST25TA02K-D Datasheet HTML 49Page - STMicroelectronics ST25TA02K-D Datasheet HTML 50Page - STMicroelectronics ST25TA02K-D Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
DocID027817 Rev 1
47/64
ST25TA02K-D
RF command sets
58
Note:
For further return codes and definitions, refer to Section 5.6.2: Status and error codes.
5.9
Specific RF command set
This section describes the command set that can be issued only by the RF host.
5.9.1
Anticollision command set
Table 47 lists the commands that can be issued only by the RF host. The format of these
commands is described in the NFC Forum Digital Protocol specification.
Note:
In response to a SDD_REQ Command with a SEL_PAR value equal to 20h, ST25TA02K-D
in the Operating Field transmit the requested cascade level of their NFCID1 (NFCID1 CLn,
with n=1 or 2). The NFCID1 of ST25TA02K-D consists of 7 bytes. The length of the
Response containing a complete NFCID1 cascade level (i.e., NFCID1 CL1, or NFCID1 CL2)
is always 5 bytes. The coding of the Response depends on the value of the SEL_CMD byte
and the size of the NFCID1.
Refer to example below for more details .
Value
-
0x6A
0x82
File or application not found
Value
-
0x6A
0x86
Incorrect P1 or P2 values
Table 46. R-APDU table of the EnablePermanentState command (continued)
Data
SW1
SW2
Comment
Table 47. Commands issues by the RF host
Family command set
Command name
Instruction code
NFC-A technology
ALL_REQ
0x52 (1)
1. Code on 7 bits.
SENS_REQ
0x26 (1)
SDD_REQ
0x93 or 0x95
SEL_REQ
0x93 or 0x95
SLP_REQ
0x50
Table 48. Example of anticollision sequence
Command
Code
Comment
Response
Code
Comment
SENS_REQ
or
ALL-REQ
26
-
ATQA
42 00
UID double size bit
frame anticollision
52
SDD_REQ 1
93 20
NVB 20
Number Valid bit
(2 bytes Code & NVB)
-
CT uid1 uid2
uid3 BCC
CT Cascade Tag
“0x88”
(UID 7bytes)
BCC Block Check
Character (XOR
previous Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com