Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STH320N4F6-6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STH320N4F6-6
Description  N-channel 40 V, 1.1 mΩ typ., 200 A, H²PAK-2, H²PAK-6 STripFET™ VI DeepGATE™ Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH320N4F6-6 Datasheet(HTML) 1 Page - STMicroelectronics

  STH320N4F6-6 Datasheet HTML 1Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 2Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 3Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 4Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 5Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 6Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 7Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 8Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
February 2013
Doc ID 024221 Rev 1
1/19
19
STH320N4F6-2,
STH320N4F6-6
N-channel 40 V, 1.1 m
Ω typ., 200 A, H²PAK-2, H²PAK-6
STripFET™ VI DeepGATE™ Power MOSFET
Datasheet — production data
Features
■ Standard threshold drive
■ 100% avalanche tested
Applications
■ Automotive switching applications
Description
These devices are N-channel Power MOSFETs
developed using the 6th generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFETs exhibits
the lowest RDS(on) in all packages.
Figure 1.
Internal schematic diagram
Order codes
VDS
RDS(on) max
ID
(1)
1.
Current limited by package.
STH320N4F6-2
40 V
1.3 m
Ω
200 A
STH320N4F6-6
H2PAK-6
H2PAK-2
1
2
TAB
3
TAB
7
1
D(TAB)
G(1)
S(2, 3)
SC06140_H2PAK-2-6
D(TAB)
G(1)
S(2, 3, 4, 5, 6, 7)
H2PAK-6
H2PAK-2
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STH320N4F6-2
320N4F6
H2PAK-2
Tape and reel
STH320N4F6-6
H2PAK-6
www.st.com


Similar Part No. - STH320N4F6-6

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
STH30 SONY-STH30 Datasheet
2Mb / 2P
Stereo Headset STH30
logo
STMicroelectronics
STH300NH02L-6 STMICROELECTRONICS-STH300NH02L-6 Datasheet
1Mb / 15P
Automotive-grade N-channel 24 V, 0.95 typ., 180 A
22-Jul-2013
STH30N65DM6-7AG STMICROELECTRONICS-STH30N65DM6-7AG Datasheet
816Kb / 14P
Automotive-grade N-channel 650 V, 102 mΩ typ., 28 A MDmesh DM6 Power MOSFET in an H²PAK-7 package
24-Jun-2021
STH310N10F7-2 STMICROELECTRONICS-STH310N10F7-2 Datasheet
1Mb / 19P
N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
23-Jul-2013
STH310N10F7-6 STMICROELECTRONICS-STH310N10F7-6 Datasheet
1Mb / 19P
N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
23-Jul-2013
More results

Similar Description - STH320N4F6-6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
11-Oct-2012
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
05-Mar-2013
STD155N3H6 STMICROELECTRONICS-STD155N3H6 Datasheet
949Kb / 18P
N-channel 30 V, 2.5 m , 80 A, D PAK, DPAK STripFET VI DeepGATE Power MOSFET
11-May-2011
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STB25NF06LAG STMICROELECTRONICS-STB25NF06LAG Datasheet
859Kb / 15P
Automotive-grade N-channel 60 V, 53 mΩ typ., 20 A STripFET™ II Power MOSFET in a D²PAK package
24-Nov-2016
STI175N4F6AG STMICROELECTRONICS-STI175N4F6AG Datasheet
654Kb / 12P
Automotive-grade N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in an I²PAK package
26-Jan-2016
STI410N4F7AG STMICROELECTRONICS-STI410N4F7AG Datasheet
666Kb / 12P
Automotive N-channel 40 V, 1.5 mΩ typ., 180 A STripFET™ F7 Power MOSFET in an I²PAK package
13-Jun-2016
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
STS25N3LLH6 STMICROELECTRONICS-STS25N3LLH6 Datasheet
257Kb / 11P
N-channel 30 V, 0.0025 Ω, 22 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2009
SCT040H120G3AG STMICROELECTRONICS-SCT040H120G3AG Datasheet
386Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 40 mΩ typ., 40 A in an H²PAK-7 package
14-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com