Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STH320N4F6-6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STH320N4F6-6
Description  N-channel 40 V, 1.1 mΩ typ., 200 A, H²PAK-2, H²PAK-6 STripFET™ VI DeepGATE™ Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH320N4F6-6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STH320N4F6-6 Datasheet HTML 9Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 10Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 11Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 12Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 13Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 14Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 15Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 16Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STH320N4F6-2, STH320N4F6-6
Package mechanical data
Doc ID 024221 Rev 1
13/19
Table 9.
H²PAK-6 mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.30
-
4.80
A1
0.03
0.20
C
1.17
1.37
e
2.34
2.74
e1
4.88
5.28
e2
7.42
7.82
E
0.45
0.60
F
0.50
0.70
H
10.00
10.40
H1
7.40
7.80
L
14.75
15.25
L1
1.27
1.40
L2
4.35
4.95
L3
6.85
7.25
L4
1.5
1.75
M
1.90
2.50
R
0.20
0.60
V0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com