Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL7DN6LF3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL7DN6LF3
Description  Automotive-grade dual N-channel 60 V, 35 mΩ typ., 6.5 A STripFET™ F3 Power MOSFET in PowerFLAT™ 5x6 double island
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7DN6LF3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL7DN6LF3 Datasheet HTML 2Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 3Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 4Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 5Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 6Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 7Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 8Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 9Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STL7DN6LF3
6/18
DocID023010 Rev 4
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Normalized V(BR)DSS vs temperature
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
this
area
is
Limited
b
y max
R
DS(on)
1s
100ms
10ms
Tj=175°C
Tc=25°C
Single pulse
AM13023v1
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
10
0
10
1
10
-3
Zth_AM13007v1
ID
15
10
5
0
0
2
VDS(V)
4
(A)
1
3
20
25
4V
5V
VGS=6, 7, 8, 9, 10V
AM13024v1
ID
15
10
5
0
0
2
VGS(V)
4
(A)
1
3
20
25
VDS=5V
AM13025v1
V(BR)DSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.90
0.94
0.98
1.02
1.06
ID=250µA
1.10
AM13010v1
RDS(on)
35.0
34.8
34.6
34.4
3
ID(A)
(m
Ω)
2
4
35.2
35.4
5
VGS=10V
AM13026v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com