Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL7DN6LF3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL7DN6LF3
Description  Automotive-grade dual N-channel 60 V, 35 mΩ typ., 6.5 A STripFET™ F3 Power MOSFET in PowerFLAT™ 5x6 double island
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7DN6LF3 Datasheet(HTML) 1 Page - STMicroelectronics

  STL7DN6LF3 Datasheet HTML 1Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 2Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 3Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 4Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 5Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 6Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 7Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 8Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
February 2015
DocID023010 Rev 4
1/18
STL7DN6LF3
Automotive-grade dual N-channel 60 V, 35 m
Ω typ., 6.5 A
STripFET™ F3 Power MOSFET in PowerFLAT™ 5x6 double island
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive application and
AEC-Q101 qualified
• Logic level VGS(th)
• 175 °C junction temperature
• 100% avalanche rated
• Wettable flank package
Applications
• Switching applications
Description
This device is a dual N-channel Power MOSFET
developed using STripFET™ F3 technology. It is
designed to minimize on-resistance and gate
charge to provide superior switching
performance.
PowerFLAT™ 5x6 double island
1
2
3
4
Top view
Order code
VDS
RDS(on)
max
ID
STL7DN6LF3
60 V
43 m
Ω
6.5 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STL7DN6LF3
7DN6LF3
PowerFLAT™ 5x6
double island(1)
Tape and reel
1.
For wettable flank option, please contact ST sale offices.
www.st.com


Similar Part No. - STL7DN6LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL70N10F3 STMICROELECTRONICS-STL70N10F3 Datasheet
911Kb / 17P
N-channel 100 V, 0.0078, 16 A STripFET III Power MOSFET in PowerFLAT 5x6 package
29-May-2012
STL70N4LLF5 STMICROELECTRONICS-STL70N4LLF5 Datasheet
270Kb / 10P
N-channel 40 V, 0.0055 Ω, 18 A, PowerFLAT??(6x5) STripFET™V Power MOSFET
01-Dec-2008
STL71 STMICROELECTRONICS-STL71 Datasheet
141Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
12-Jul-2005
STL71L71H STMICROELECTRONICS-STL71L71H Datasheet
141Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
12-Jul-2005
STL71L71L STMICROELECTRONICS-STL71L71L Datasheet
141Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
12-Jul-2005
More results

Similar Description - STL7DN6LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL8DN10LF3 STMICROELECTRONICS-STL8DN10LF3 Datasheet
917Kb / 15P
Automotive-grade dual N-channel 100 V, 25 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 double island package
10-Jul-2015
STL38DN6F7AG STMICROELECTRONICS-STL38DN6F7AG Datasheet
707Kb / 15P
Automotive-grade N-channel 60 V, 24 m typ., 10 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
21-Mar-2018
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL52DN4LF7AG STMICROELECTRONICS-STL52DN4LF7AG Datasheet
1,018Kb / 16P
Automotive-grade dual N-channel 40 V, 9 mΩ typ., 18 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
18-Dec-2017
STL36DN6F7 STMICROELECTRONICS-STL36DN6F7 Datasheet
760Kb / 16P
Dual N-channel 60 V, 23 mΩ typ., 33 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
10-May-2017
STL105DN4LF7AG STMICROELECTRONICS-STL105DN4LF7AG Datasheet
965Kb / 16P
Automotive-grade dual N-channel 40 V, 3.5 mΩ typ., 40 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
10-Jan-2018
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL8N6LF3 STMICROELECTRONICS-STL8N6LF3 Datasheet
976Kb / 15P
Automotive-grade N-channel 60 V, 22.5 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 package
11-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com