Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F303VD Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32F303VD
Description  Reset and supply management
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VD Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32F303VD Datasheet HTML 74Page - STMicroelectronics STM32F303VD Datasheet HTML 75Page - STMicroelectronics STM32F303VD Datasheet HTML 76Page - STMicroelectronics STM32F303VD Datasheet HTML 77Page - STMicroelectronics STM32F303VD Datasheet HTML 78Page - STMicroelectronics STM32F303VD Datasheet HTML 79Page - STMicroelectronics STM32F303VD Datasheet HTML 80Page - STMicroelectronics STM32F303VD Datasheet HTML 81Page - STMicroelectronics STM32F303VD Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 184 page
background image
Electrical characteristics
STM32F303xD STM32F303xE
78/184
DocID026415 Rev 4
Table 25. Typical and maximum current consumption from VDD supply at VDD = 3.6V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C 85 °C 105 °C
25 °C 85 °C 105 °C
IDD
Supply
current in
Run mode,
executing
from Flash
External
clock (HSE
bypass)
72 MHz 66.4
76.5
76.9
77.4
33.0
37.2
38.1
38.9
mA
64 MHz 59.8
66.4
67.7
68.6
29.7
33.5
34.3
35.0
48 MHz 47.3
53.7
53.8
55.1
23.2
26.2
27.1
28.0
32 MHz 33.3
36.8
37.4
38.5
16.8
19.8
20.6
21.4
24 MHz 26.0
29.4
30.0
31.2
13.5
16.6
17.4
18.6
8 MHz
10.7
13.8
14.4
15.3
6.63
10.2
10.5
11.2
1 MHz
4.27
7.47
8.13
8.90
3.78
7.40
7.70
8.50
Internal
clock (HSI)
64 MHz 55.6
59.6
62.8
63.2
29.4
33.1
34.5
35.0
48 MHz 43.6
47.0
49.2
50.1
23.1
26.2
27.1
28.0
32 MHz 30.8
33.6
35.3
35.8
16.7
19.8
20.6
21.5
24 MHz 24.0
28.0
28.2
29.7
13.5
16.5
17.5
18.4
8 MHz
10.5
13.6
14.7
15.2
6.63
9.74
10.6
11.2
IDD
Supply
current in
Run mode,
executing
from RAM
External
clock (HSE
bypass)
72 MHz 66.2 76.2(2) 76.7
77.2(2) 32.8 36.9(2)
37.7
38.5(2)
64 MHz 59.6
66.2
67.6
68.4
29.3
33.1
33.9
34.4
48 MHz 47.0
53.4
53.6
54.9
22.4
25.6
26.2
27.2
32 MHz 33.0
36.6
37.2
38.1
16.0
19.0
19.5
20.4
24 MHz 25.6
29.0
29.5
30.6
12.8
15.7
16.3
17.6
8 MHz
10.3
13.4
13.8
14.7
6.40
9.48
9.93
10.90
1 MHz
3.92
7.06
7.54
8.60
3.42
6.53
7.05
8.10
Internal
clock (HSI)
64 MHz 55.4
59.2
62.5
62.9
29.1
32.7
34.0
34.6
48 MHz 43.1
46.7
49.0
49.9
22.8
26.1
26.8
27.8
32 MHz 30.5
33.2
35.0
35.5
15.8
18.8
19.5
20.9
24 MHz 23.8
27.8
27.9
29.2
12.6
15.6
16.3
17.5
8 MHz
9.85
13.1
14.1
14.6
6.20
9.37
10.3
10.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com