Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F303VD Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32F303VD
Description  Reset and supply management
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VD Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32F303VD Datasheet HTML 76Page - STMicroelectronics STM32F303VD Datasheet HTML 77Page - STMicroelectronics STM32F303VD Datasheet HTML 78Page - STMicroelectronics STM32F303VD Datasheet HTML 79Page - STMicroelectronics STM32F303VD Datasheet HTML 80Page - STMicroelectronics STM32F303VD Datasheet HTML 81Page - STMicroelectronics STM32F303VD Datasheet HTML 82Page - STMicroelectronics STM32F303VD Datasheet HTML 83Page - STMicroelectronics STM32F303VD Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 184 page
background image
Electrical characteristics
STM32F303xD STM32F303xE
80/184
DocID026415 Rev 4
Table 27. Typical and maximum VDD consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ @VDD (VDD=VDDA)Max
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
18.4 18.7 18.8 18.9 19.0 19.1
47
435
940
µA
Regulator in low-power
mode, all oscillators OFF
6.80 6.94 7.11 7.18 7.26 7.39
33
408
898
Supply
current in
Standby
mode
LSI ON and IWDG ON
0.72 0.87 0.99 1.10 1.23 1.37
-
-
-
LSI OFF and IWDG OFF 0.57 0.68 0.76 0.85 0.94 1.03
6.2
8.6
13.5
Table 28. Typical and maximum VDDA consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ @VDD (VDD = VDDA)Max(1)
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDDA
Supply
current in
Stop mode
Regulator in run/low-
power mode, all
oscillators OFF
1.72 1.85 1.97 2.10 2.25 2.41 10.7
11
12
µA
Supply
current in
Standby
mode
LSI ON and IWDG ON 2.08 2.26 2.43 2.61 2.82 3.05
-
-
-
LSI OFF and IWDG
OFF
1.60 1.73 1.85 1.98 2.13 2.29
3.6
4
6
Supply
current in
Stop mode
Regulator in run/low-
power mode, all
oscillators OFF
1.00 1.02 1.05 1.10 1.16 1.24
-
-
-
Supply
current in
Standby
mode
LSI ON and IWDG ON 1.36 1.43 1.51 1.61 1.74 1.88
-
-
-
LSI OFF and IWDG
OFF
0.88 0.90 0.93 0.98 1.05 1.12
-
-
-
1. Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com