Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F303VD Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32F303VD
Description  Reset and supply management
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VD Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32F303VD Datasheet HTML 117Page - STMicroelectronics STM32F303VD Datasheet HTML 118Page - STMicroelectronics STM32F303VD Datasheet HTML 119Page - STMicroelectronics STM32F303VD Datasheet HTML 120Page - STMicroelectronics STM32F303VD Datasheet HTML 121Page - STMicroelectronics STM32F303VD Datasheet HTML 122Page - STMicroelectronics STM32F303VD Datasheet HTML 123Page - STMicroelectronics STM32F303VD Datasheet HTML 124Page - STMicroelectronics STM32F303VD Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 184 page
background image
DocID026415 Rev 4
121/184
STM32F303xD STM32F303xE
Electrical characteristics
161
Figure 35. NAND controller write timings
Table 58. Switching characteristics for NAND Flash read cycles(1) (2)
1. Based on characterization, not tested in production.
2. CL = 30 pF
Symbol
Parameter
Min
Max
Unit
tw(NOE)
FMC_NOE low width
6THCLK
6THCLK + 2
ns
tsu(D-NOE)
FMC_D[15-0] valid data before
FMC_NOE high
THCLK+5
-
th(NOE-D)
FMC_D[15-0] valid data after FMC_NOE
high
0-
td(ALE-NOE)
FMC_ALE valid before FMC_NOE low
-
6THCLK -0.5
th(NOE-ALE)
FMC_NWE high to FMC_ALE invalid
6THCLK-1
-
Table 59. Switching characteristics for NAND Flash write cycles(1)
1. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NWE)
FMC_NWE low width
4THCLK-0.5 4THCLK + 1.5
ns
tv(NWE-D)
FMC_NWE low to FMC_D[15-0] valid
-
3.5
th(NWE-D)
FMC_NWE high to FMC_D[15-0] invalid
3THCLK -1.5
-
td(D-NWE)
FMC_D[15-0] valid before FMC_NWE
high
5THCLK – 3
-
td(ALE_NWE)
FMC_ALE valid before FMC_NWE low
-
4THCLK+2
th(NWE-ALE)
FMC_NWE high to FMC_ALE invalid
2THCLK-1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com