| Electronic Components Datasheet Search |
|
TUSB8041IPAPRQ1 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB8041IPAPRQ1 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 48 page ![]() TUSB8041-Q1 SLLSEE6B – JULY 2014 – REVISED JANUARY 2016 www.ti.com Pin Functions (continued) PIN I/O DESCRIPTION NAME NO. USB Port 2 Power On Control for Downstream Power/Battery Charging Enable. The pin is used for control of the downstream power switch for Port 2. In addition, the value of the pin is sampled at the de-assertion of reset to determine the value of the battery charging support for Port 2 as indicated in the Battery Charging Support PWRCTL2/BATEN2 3 I/O, PD register: 0 = Battery charging not supported 1 = Battery charging supported USB Port 2 Over-Current Detection. This pin is used to connect the over current output of the downstream port power switch for Port 2. 0 = An over current event has occurred OVERCUR2z 15 I, PU 1 = An over current event has not occurred This pin be left unconnected if power management is not implemented. If power management is enabled, the external circuitry needed should be determined by the power switch. USB_SSTXP_DN3 51 O USB SuperSpeed transmitter differential pair (positive) USB_SSTXM_DN3 52 O USB SuperSpeed transmitter differential pair (negative) USB_SSRXP_DN3 54 I USB SuperSpeed receiver differential pair (positive) USB_SSRXM_DN3 55 I USB SuperSpeed receiver differential pair (negative) USB_DP_DN3 49 I/O USB High-speed differential transceiver (positive) USB_DM_DN3 50 I/O USB High-speed differential transceiver (negative) USB Port 3 Power On Control for Downstream Power/Battery Charging Enable. The pin is used for control of the downstream power switch for Port 3. In addition, the value of the pin is sampled at the de-assertion of reset to determine the value of the battery charging support for Port 3 as indicated in the Battery Charging Support PWRCTL3/BATEN3 1 I/O, PD register: 0 = Battery charging not supported 1 = Battery charging supported USB Port 3 Over-Current Detection. This pin is used to connect the over current output of the downstream port power switch for Port 3. 0 = An over current event has occurred OVERCUR3z 12 I, PU 1 = An over current event has not occurred This pin can be left unconnected if power management is not implemented. If power management is enabled, the external circuitry needed should be determined by the power switch. USB_SSTXP_DN4 58 O USB SuperSpeed transmitter differential pair (positive) USB_SSTXM_DN4 59 O USB SuperSpeed transmitter differential pair (negative) USB_SSRXP_DN4 61 I USB SuperSpeed receiver differential pair (positive) USB_SSRXM_DN4 62 I USB SuperSpeed receiver differential pair (negative) USB_DP_DN4 56 I/O USB High-speed differential transceiver (positive) USB_DM_DN4 57 I/O USB High-speed differential transceiver (negative) USB Port 4 Power On Control for Downstream Power/Battery Charging Enable. The pin is used for control of the downstream power switch for Port 4. In addition, the value of the pin is sampled at the de-assertion of reset to determine the value of the battery charging support for Port 4 as indicated in the Battery Charging Support PWRCTL4/BATEN4 64 I/O, PD register: 0 = Battery charging not supported 1 = Battery charging supported 6 Submit Documentation Feedback Copyright © 2014–2016, Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |