Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB8041IPAPRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041IPAPRQ1
Description  Automotive Four-Port USB 3.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041IPAPRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB8041IPAPRQ1 Datasheet HTML 1Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 2Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 3Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 4Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 5Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 6Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 7Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 8Page - Texas Instruments TUSB8041IPAPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
USB 2.0 Connection
USB 3.0 Connection
USB 3.0 Hub
USB 3.0 Port
USB 2.0 Device
Console
SD Reader
HDD
(Media Drive)
TUSB9261-Q1
Console
Convenience Port
Embedded
Host
TUSB8041-Q1
Console
Convenience Port
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TUSB8041-Q1
SLLSEE6B – JULY 2014 – REVISED JANUARY 2016
TUSB8041-Q1 Automotive Four-Port USB 3.0 Hub
1 Features
Single Clock Input, 24-MHz Crystal or Oscillator
No Special Driver Requirements; Works
1
Four Port USB 3.0 Hub
Seamlessly on any Operating System with USB
USB 2.0 Hub Features
Stack Support
Multi Transaction Translator (MTT) Hub: Four
64-Pin HTQFP Package (PAP)
Transaction Translators
Four Asynchronous Endpoint Buffers Per
2 Applications
Transaction Translator
Automotive
Supports Battery Charging
Computer Systems
CDP Mode (Upstream Port Connected)
Docking Stations
DCP Mode (Upstream Port Unconnected)
Monitors
DCP Mode Complies with Chinese
Set-Top Boxes
Telecommunications Industry Standard YD/T
1591-2009
3 Description
D+/D- Divider Mode
The TUSB8041-Q1 is a four-port USB 3.0 hub. It
Supports Operation as a USB 3.0 or USB 2.0
provides simultaneous SuperSpeed USB and high-
Compound Device
speed/full-speed connections on the upstream port
Per Port or Ganged Power Switching and Over-
and provides SuperSpeed USB, high-speed, full-
speed, or low-speed connections on the downstream
Current Notification Inputs
ports. When the upstream port is connected to an
OTP ROM, Serial EEPROM or I2C/SMBus Slave
electrical environment that only supports high-speed
Interface for Custom Configurations:
or full-speed/low-speed connections, SuperSpeed
VID and PID
USB connectivity is disabled on the downstream
ports. When the upstream port is connected to an
Port Customizations
electrical
environment
that
only
supports
full-
Manufacturer and Product Strings (not by OTP
speed/low-speed connections, SuperSpeed USB and
ROM)
high-speed
connectivity
are
disabled
on
the
Serial Number (not by OTP ROM)
downstream ports.
Application Feature Selection Using Pin Selection
Device Information(1)
or EEPROM/ or I2C/SMBus Slave Interface
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Provides 128-Bit Universally Unique Identifier
TUSB8041-Q1
HTQFP (64)
10.00 mm ×10.00 mm
(UUID)
(1) For all available packages, see the orderable addendum at
Supports On-Board and In-System OTP/EEPROM
the end of the datasheet.
Programming Via the USB 2.0 Upstream Port
Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB8041IPAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8041I TI2-TUSB8041I Datasheet
1Mb / 49P
TUSB8041 Four-Port USB 3.0 Hub
REVISED JUNE 2016
TUSB8041IRGCR TI1-TUSB8041IRGCR Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB8041IRGCR TI2-TUSB8041IRGCR Datasheet
1Mb / 49P
TUSB8041 Four-Port USB 3.0 Hub
REVISED JUNE 2016
TUSB8041IRGCR.A TI2-TUSB8041IRGCR.A Datasheet
1Mb / 49P
TUSB8041 Four-Port USB 3.0 Hub
REVISED JUNE 2016
TUSB8041IRGCRG4 TI2-TUSB8041IRGCRG4 Datasheet
1Mb / 49P
TUSB8041 Four-Port USB 3.0 Hub
REVISED JUNE 2016
More results

Similar Description - TUSB8041IPAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
Four-Port and Two-Port USB 3.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
Two-Port USB 3.0 Hub
TUSB8020B-Q1 TI1-TUSB8020B-Q1 Datasheet
1Mb / 45P
Automotive Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com