Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN7007ALH Datasheet(PDF) 11 Page - STMicroelectronics

Part # VN7007ALH
Description  High-side driver with CurrentSense analog feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7007ALH Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VN7007ALH Datasheet HTML 7Page - STMicroelectronics VN7007ALH Datasheet HTML 8Page - STMicroelectronics VN7007ALH Datasheet HTML 9Page - STMicroelectronics VN7007ALH Datasheet HTML 10Page - STMicroelectronics VN7007ALH Datasheet HTML 11Page - STMicroelectronics VN7007ALH Datasheet HTML 12Page - STMicroelectronics VN7007ALH Datasheet HTML 13Page - STMicroelectronics VN7007ALH Datasheet HTML 14Page - STMicroelectronics VN7007ALH Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
VN7007ALH
Electrical specification
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VON
Output voltage drop
limitation
IOUT = 1.2 A
20
mV
Notes:
(1)Parameter guaranteed by an indirect test sequence.
(2)Parameter guaranteed by design and characterization; not subject to production test.
Table 10: Current Sense
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VSENSE_CL CurrentSense clamp voltage
VFR_DIAG = 0 V; ISENSE = 1 mA
-17
-12
V
VFR_DIAG = 0 V;
ISENSE = -1 mA
7
V
Current Sense characteristics
KOL1
IOUT/ISENSE
IOUT = 10 mA; VSENSE = 0.5 V;
VSEn = 5 V
800
KOL2
IOUT/ISENSE
IOUT = 0.25 A; VSENSE = 0.5 V;
VSEn = 5 V
10400
K0
IOUT/ISENSE
IOUT = 1 A; VSENSE = 4 V;
VSEn = 5 V
3390 6600 10180
dK0/K0(1)(2) Current sense ratio drift
IOUT = 1 A; VSENSE = 4 V;
VSEn = 5 V
-25
25
%
K1
IOUT/ISENSE
IOUT = 4.6 A; VSENSE = 4 V;
VSEn = 5 V
4080 6570 9530
dK1/K1(1)(2) Current sense ratio drift
IOUT = 4.6 A; VSENSE = 4 V;
VSEn = 5 V
-20
20
%
K2
IOUT/ISENSE
IOUT = 9 A; VSENSE = 4 V;
VSEn = 5 V
4830 6350 8060
dK2/K2(1)(2) Current sense ratio drift
IOUT = 9 A; VSENSE = 4 V;
VSEn = 5 V
-13
13
%
K3
IOUT/ISENSE
IOUT = 27 A; VSENSE = 4 V;
VSEn = 5 V
5600 6300 7150
dK3/K3(1)(2) Current sense ratio drift
IOUT = 27 A; VSENSE = 4 V;
VSEn = 5 V
-8
8
%
ISENSE0
CurrentSense leakage current
CurrentSense disabled:
VFR_DIAG = 0 V
0
0.5
µA
CurrentSense disabled:
-1 V < VSENSE < 5 V(1)
-0.5
0.5
µA
CurrentSense enabled:
VFR_DIAG = 5 V; VIN = 5 V;
IOUT = 0 A
0
2
µA
VOUT_CSD(1)
Output Voltage for
CurrentSense shutdown
VFR_DIAG = 5 V; RSENSE = 2.7
kΩ;
VIN = 5 V; IOUT = 3 A
5
V
DocID027958 Rev 1
11/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com