Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN7007ALH Datasheet(PDF) 29 Page - STMicroelectronics

Part # VN7007ALH
Description  High-side driver with CurrentSense analog feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7007ALH Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VN7007ALH Datasheet HTML 25Page - STMicroelectronics VN7007ALH Datasheet HTML 26Page - STMicroelectronics VN7007ALH Datasheet HTML 27Page - STMicroelectronics VN7007ALH Datasheet HTML 28Page - STMicroelectronics VN7007ALH Datasheet HTML 29Page - STMicroelectronics VN7007ALH Datasheet HTML 30Page - STMicroelectronics VN7007ALH Datasheet HTML 31Page - STMicroelectronics VN7007ALH Datasheet HTML 32Page - STMicroelectronics VN7007ALH Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
VN7007ALH
Package and PCB thermal data
Figure 35: Rthj-amb vs PCB copper area in open box free air conditions
Figure 36: Octapak thermal impedance junction ambient single pulse
Equation: pulse calculation formula
ZTHδ = RTH
· δ + ZTHtp (1 - δ)
where δ = tP/T
30
35
40
45
50
55
60
65
70
75
80
0
2
4
6
8
10
RTHjamb
RTHjamb
RTHj_amb on 4Layer PCB: 15.8°C/W
GAPG1212131215CFT
GAPG2306151048CFT
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
1000
ZTH (°C/W)
Time (s)
Cu=foo t print
Cu=2 cm 2
Cu=8 cm 2
4Layer
DocID027958 Rev 1
29/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com