| Electronic Components Datasheet Search |
|
SLE66C161PEC Datasheet(PDF) 4 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
SLE66C161PEC Datasheet(HTML) 4 Page - Infineon Technologies AG |
|
4 / 8 page ![]() SLE 66C161PE Preliminary - Short Product Information 4 / 8 02.04 Memory Management and Protection Unit • Addressable memory of up to 16 Mbyte • Separates OS (system mode) and application (user mode) • System routines called by interrupts • OS can restrict access to peripherals in application mode • Variable application orientated segments defined and controlled by OS • Code execution from XRAM possible • Enhanced multi-application support by descriptors for system / application mode. Security Features • Enhanced sensor concept: • Low and high voltage sensors • Frequency sensors and filters • Light Sensor • Glitch Sensors • Temperature Sensor • Life Test Function for Sensors (UMSLC) • Bus confusion • Security reset detection • Current control oscillator (ICO) Memory Security • Sparkling SFR encryption for DDES and ACE, CRC module and RNG • 32 bytes security PROM, hardware protected for batch-, wafer-, die-individual security data. Unique chip identification number for each chip • Additional memory for customer-defined security FabKey on request • MED – memory encryption/decryption device for XRAM, ROM and EEPROM • Security optimized layout and layout scrambling • Fast IRAM erase • Enhanced Error correction unit (ECU) Testmode • Irreversible Lock - Out of test-mode Anti Snooping • Automatic randomization smoothing of power profile • Effective HW-countermeasures against SEMA/DEMA, SPA/DPA, DFA and Timing-Attacks • Non standard dedicated Smart Card CPU – Core • Active Shield with automatic and user controlled attack detection • Hardware countermeasures controlled by True Random Number Generator Targeted Certifications • CAST Support • HW-& SW-Tools (Emulator, ROM Monitor, Card Emulator, Simulator, Softmasking) • Application notes Supported Standards • ISO/IEC 7816 • EMV 2000 • GSM 11.11, 11.12, 11.18 • ETSI TS 102 221 Document References • Confidential Data Book SLE 66CxxxPE • Qualification report • Chip delivery specification for wafer with chip-layout (die size, orientation,...) • Module specification containing description of package, etc. • Qualification report module Development Tools Overview • Short Product Information Software Development Kit SDK CC • Short Product Information Card Emulator CE66PE • Short Product Information ROM Monitor RM66PE • Short Product Information Emulator ET66PE Hitex or ET66PE KSC • Short Product Information Smart Mask Package New New New |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |