Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLE66C161PEC Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SLE66C161PEC
Description  Security & Chip Card ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C161PEC Datasheet(HTML) 7 Page - Infineon Technologies AG

  SLE66C161PEC Datasheet HTML 1Page - Infineon Technologies AG SLE66C161PEC Datasheet HTML 2Page - Infineon Technologies AG SLE66C161PEC Datasheet HTML 3Page - Infineon Technologies AG SLE66C161PEC Datasheet HTML 4Page - Infineon Technologies AG SLE66C161PEC Datasheet HTML 5Page - Infineon Technologies AG SLE66C161PEC Datasheet HTML 6Page - Infineon Technologies AG SLE66C161PEC Datasheet HTML 7Page - Infineon Technologies AG SLE66C161PEC Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SLE 66C161PE
Preliminary - Short Product Information
7 / 8
02.04
General Description
The SLE66C161PE is a member of the improved 66PE-series of Infineon Technologies and the successor of the
SLE66C162P. This high performance security controller is manufactured in advanced 0.22 µm CMOS technology. It is
downward compatible to existing 66P controller derivatives. The well known ECO2000 8/16 bit CPU provides the high
efficiency of the SAB 8051 instruction set extended by additional powerful instructions together with enhanced
performance, memory sizes and security features compared to existing 66P derivatives.
Performance: The internal clock frequency can be adjusted to a level up to 33 MHz either as a multiple of 1,2,3,4 to the
external frequency or independent of the clock rate of the terminal with the help of the internal clock. It is adjustable
according to either available power requirements or required performance:
•
Increased internal clock frequency for maximum performance, e.g. for high performance with max. frequency in
payment applications.
•
Automatically adjusted frequency for a max. given power consumption, e.g. by GSM or UMTS requirements.
Memory: The SLE66C161PE offers 48 Kbytes of User-ROM, 256 byte internal RAM, 2048 byte XRAM and 16 Kbytes
MicroSlim-EEPROM, to fulfill the increased requirements of GSM and UMTS applications. The large ROM size allows to
place applications in the ROM-mask and to keep the E²PROM free for customer data. In addition it saves mask
development costs, as one mask may be used for different customer projects. 16kByte of EEPROM thus allows to
include include SIM Application Toolkit, Wireless Application Protocol (WAP), WML-Browser and JavaCard API
implementations into the NVM.
The enhanced Memory Management and Protection Unit allows a secure separation of the operating system and
different applications. It allows to separate the memories in application orientated segments, which can be controlled by
the OS. Furthermore, the MMU makes a secure downloading of applications possible even after personalization of a
card. These new features suit the requirements of the next generation of multi application operating systems.
EEPROM
16 Kbyte
XRAM
2 Kbyte
ROM
48 Kbyte
16-Bit CPU with
MMU
&
ECO 2000
Instruction Set
Voltage
Clock
Reset
Sleep Mode Logic
Sensors/Filters
Voltage Regulator
Address-/Data Bus
two
16-bit
Timer
Interrupt
CRC
UART
Clock
generated
Random
Number
Generator
Figure 2: Block Diagram SLE 66C161PE
The new platform is designed to address up to 16Mbyte. However this feature is only available upon request and will
clearly require a change in the existing tool environment.
In addition, new instructions have been implemented in the design for an efficient direct access of physical memory
>64KByte up to 16 MByte.
New



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com