Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F6433IPZ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  Mixed-Signal Microcontrollers
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F6433IPZ Datasheet HTML 1Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 2Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 3Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 4Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 5Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 6Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 7Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 8Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720D – AUGUST 2010 – REVISED DECEMBER 2015
MSP430F643x Mixed-Signal Microcontrollers
1
Device Overview
1.1
Features
1
• Low Supply Voltage Range: 1.8 V to 3.6 V
• Four 16-Bit Timers With 3, 5, or 7
Capture/Compare Registers
• Ultra-Low Power Consumption
• Two Universal Serial Communication Interfaces
– Active Mode (AM):
(USCIs)
All System Clocks Active:
270 µA/MHz at 8 MHz, 3.0 V, Flash Program
– USCI_A0 and USCI_A1 Each Support:
Execution (Typical)
•
Enhanced UART Supports Automatic Baud-
– Standby Mode (LPM3):
Rate Detection
Watchdog With Crystal and Supply Supervisor
•
IrDA Encoder and Decoder
Operational, Full RAM Retention, Fast Wakeup:
•
Synchronous SPI
1.8 µA at 2.2 V, 2.1 µA at 3.0 V (Typical)
– USCI_B0 and USCI_B1 Each Support:
– Shutdown Real-Time Clock (RTC) Mode
•
I2C
(LPM3.5):
•
Synchronous SPI
Shutdown Mode, Active RTC With Crystal:
• Integrated 3.3-V Power System
1.1 µA at 3.0 V (Typical)
• 12-Bit Analog-to-Digital Converter (ADC) With
– Shutdown Mode (LPM4.5):
Internal Shared Reference, Sample-and-Hold, and
0.3 µA at 3.0 V (Typical)
Autoscan Feature
• Wake up From Standby Mode in 3 µs (Typical)
• Dual 12-Bit Digital-to-Analog Converters (DACs)
• 16-Bit RISC Architecture, Extended Memory, up to
With Synchronization
20-MHz System Clock
• Voltage Comparator
• Flexible Power-Management System
• Integrated Liquid Crystal Display (LCD) Driver With
– Fully Integrated LDO With Programmable
Contrast Control for up to 160 Segments
Regulated Core Supply Voltage
• Hardware Multiplier Supports 32-Bit Operations
– Supply Voltage Supervision, Monitoring, and
• Serial Onboard Programming, No External
Brownout
Programming Voltage Needed
• Unified Clock System
• Six-Channel Internal DMA
– FLL Control Loop for Frequency Stabilization
• RTC Module With Supply Voltage Backup Switch
– Low-Power Low-Frequency Internal Clock
• Table 3-1 Summarizes the Available Family
Source (VLO)
Members
– Low-Frequency Trimmed Internal Reference
• For Complete Module Descriptions, See the
Source (REFO)
MSP430x5xx and MSP430x6xx Family User's
– 32-kHz Crystals (XT1)
Guide (SLAU208)
– High-Frequency Crystals up to 32 MHz (XT2)
1.2
Applications
•
Analog and Digital Sensor Systems
•
Thermostats
•
Digital Motor Control
•
Digital Timers
•
Remote Controls
•
Hand-Held Meters
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - MSP430F6433IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F6433IPZ TI1-MSP430F6433IPZ Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F6433IPZ TI-MSP430F6433IPZ Datasheet
3Mb / 128P
MSP430F643x Mixed-Signal Microcontrollers
MSP430F6433IPZR TI1-MSP430F6433IPZR Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F6433IPZR TI-MSP430F6433IPZR Datasheet
3Mb / 128P
MSP430F643x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F6433IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com