Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS6151 Datasheet(PDF) 9 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 5Page - Semtech Corporation GS6151 Datasheet HTML 6Page - Semtech Corporation GS6151 Datasheet HTML 7Page - Semtech Corporation GS6151 Datasheet HTML 8Page - Semtech Corporation GS6151 Datasheet HTML 9Page - Semtech Corporation GS6151 Datasheet HTML 10Page - Semtech Corporation GS6151 Datasheet HTML 11Page - Semtech Corporation GS6151 Datasheet HTML 12Page - Semtech Corporation GS6151 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
9 of 77
Semtech
Proprietary & Confidential
www.semtech.com
2.2 DC Electrical Characteristics
Table 2-2: DC Electrical Characteristics
VCC_CORE, VDD_DIG = +1.8V ± 5%, TA= –40ºC to +85ºC unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage – Core
(VCC_CORE, VDD_DIG)
VCC_CORE,
VDD_DIG
1.710
1.8
1.890
V
Supply Voltage – Output
Driver (VCC_DDO0,
VCC_DDO1)
VCC_DDO0,
VCC_DDO1
1.140
2.625
V
Power
PD
Data Rate 6G,
DDO1/DDO1 disabled
140
185
mW
1, 2
Data Rate <6G,
DDO1/DDO1 disabled
130
170
mW
1, 2
Data Rate 6G,
Default Settings,
DDO1/DDO1 enabled
210
280
mW
3, 4
Data Rate <6G,
Default Settings,
DDO1/DDO1 enabled
190
255
mW
3, 4
Maximum Supply and Power
Settings with Diagnostic
Features Off
280
360
mW
5
Maximum Supply and Power
Settings with Diagnostic
Features On
575
630
mW
5
Power (Sleep operation)
PSLEEP
20
35
mW
Power (Standby
operation)
PSTANDBY
80
110
mW
Supply Current - Output
Driver
ICC_DDO0,
ICC_DDO1
Output Swing Register
Setting = 0000b
—4.8
7
mA
6, 7
Output Swing Register
Setting= 0100b
—7.5
12
mA
6, 7
Output Swing Register
Setting = 1100b
—15
22
mA
6, 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com