Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4809AIMSTR Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4809AIMSTR
Description  High Performance Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4809AIMSTR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4809AIMSTR Datasheet HTML 4Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 5Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 6Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 7Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 8Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 9Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 10Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 11Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
 2005 Semtech Corp.
www.semtech.com
SC4809A/B/C
POWER MANAGEMENT
Application Information
The flyback power stage is very popular in 48V input
telecom applications for output power levels up to
approximately 50 watts. The exact power rating of the
flyback power stage, of course, is dependent on the input
voltage/output voltage combination, its operating
environment and many other factors. Additional output
voltages can be generated easily by simply adding another
winding to the coupled inductor along with an output
diode and output capacitor. Obtaining multiple output
voltages from a single power stage is another advantage
of the flyback power stage.
A simplified schematic of the flyback power stage with a
drive circuit block included is shown in Figure 1. In the
schematic shown, the secondary winding of the coupled
inductor is connected to produce output voltage. The
power switch, Q1, is an N-channel MOSFET. The
secondary inductance, L
SEC and capacitor C, make up the
output filter, The resistor R, represents the load seen by
the power supply output.
Figure 1: Flyback Power Converter
The important waveforms of the flyback power stage
operating in DCM are shown in Figure 2.
Figure 2: Discontinuous Mode Flyback Waveforms
The simplified voltage conversion relationship for the
flyback power stage operating in CCM is given by:
D
1
D
N
N
V
V
P
S
I
O
−
•
•
=
The simplified voltage conversion relationship for the
flyback power stage operating in DCM is given by:
K
D
N
N
V
V
P
S
I
O
•
•
=
Where K is defined as:
S
SEC
T
R
L
2
K
•
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com