Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4809AIMSTR Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4809AIMSTR
Description  High Performance Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4809AIMSTR Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4809AIMSTR Datasheet HTML 8Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 9Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 10Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 11Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 12Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 13Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 14Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 15Page - Semtech Corporation SC4809AIMSTR Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
 2005 Semtech Corp.
www.semtech.com
SC4809A/B/C
POWER MANAGEMENT
Outline Drawing - MSOP-10
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
bbb
C A-B D
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
-B-
NOTES:
1.
2.
-A-
-H-
SIDE VIEW
A
B
C
D
H
PLANE
0°
.010
.004
-
.016
.003
.024
(.037)
-
.000
.030
-
-
-
-
0.25
0.10
8°
0°
-
8°
0.60
(.95)
.032
.009
0.40
0.08
.043
.006
.037 0.75
0.00
-
0.80
0.23
-
0.95
1.10
0.15
-
-
-
e
.193 BSC
.020 BSC
DETAIL
aaa C
SEATING
INDICATOR
ccc C
2X N/2 TIPS
PIN 1
2X E/2
10
SEE DETAIL
A1
A
A2
bxN
D
0.25
A
PLANE
GAGE
.003
E1
12
N
.114
.114
.118
.118
.007
-
10
01
c
(L1)
L
A
0.08
3.00
3.00
4.90 BSC
0.50 BSC
.122
.122
2.90
2.90
.011 0.17
3.10
3.10
0.27
-
REFERENCE JEDEC STD MO-187, VARIATION BA.
4.
DIM
ccc
A1
e
bbb
aaa
01
L1
N
L
D
E1
E
A2
b
c
A
MILLIMETERS
NOM
INCHES
DIMENSIONS
MIN NOM MAX MIN
MAX
E
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
P
(C)
X
Z
G
Y
.063
.224
.011
.020
.098
(.161)
5.70
1.60
0.30
0.50
2.50
(4.10)
MILLIMETERS
DIMENSIONS
DIM
INCHES
Y
Z
G
P
X
C
Land Pattern - MSOP-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com