Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT699E Datasheet(PDF) 33 Page - Aeroflex Circuit Technology

Part # UT699E
Description  UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699E Datasheet(HTML) 33 Page - Aeroflex Circuit Technology

Back Button UT699E Datasheet HTML 29Page - Aeroflex Circuit Technology UT699E Datasheet HTML 30Page - Aeroflex Circuit Technology UT699E Datasheet HTML 31Page - Aeroflex Circuit Technology UT699E Datasheet HTML 32Page - Aeroflex Circuit Technology UT699E Datasheet HTML 33Page - Aeroflex Circuit Technology UT699E Datasheet HTML 34Page - Aeroflex Circuit Technology UT699E Datasheet HTML 35Page - Aeroflex Circuit Technology UT699E Datasheet HTML 36Page - Aeroflex Circuit Technology UT699E Datasheet HTML 37Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
33
Aeroflex Microelectronics Solutions - HiRel
36-00-00-001
Ver. 1.5.0
4.7 Timing Characteristics for Ethernet Interface
(VDD = 3.3V + 0.3V; VDDC = 1.2V + 0.1V; TC = -55oC to 105oC)
Notes:
1. All outputs are measured using the load conditions shown in Figure 17.
2. ERX_ER timing is guaranteed by design.
3. ERX_COL and ERX_CRS are asynchronous inputs and are not tested.
4. tAMBA is defined as tSYSCLK.
5. Guaranteed by design.
Figure 13. Ethernet Transmit and Receive Timing
Figure 14. Ethernet MDIO Interface Timing
Symbol
Description
Conditions
Min
Max
Units
t251
ETX_CLK↑ to output valid
(ETXD[3:0], and ETX_EN)
--
12
ns
t262,3
Setup time to ERX_CLK↑
(ERX_DV, ERX_ER, and ERXD[3:0])
1--
ns
t272,3
Hold time from ERX_CLK↑
(ERX_DV, ERX_ER, and ERXD[3:0])
1--
ns
t281
EMDC↑ to output valid (EMDIO)
-4+tAMBA4
4+tAMBA4
ns
t295
Setup time to EMDC↑ (EMDIO)
10
--
ns
t305
Hold time from EMDC↑ (EMDIO)
10
--
ns
t27
t26
t25
ETX_CLK
All Outputs
ERX_CLK
All Inputs
t30
t29
t28
EMDC
EMDIO (Output)
EMDIO (Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com