Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT699E Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # UT699E
Description  UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699E Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button UT699E Datasheet HTML 10Page - Aeroflex Circuit Technology UT699E Datasheet HTML 11Page - Aeroflex Circuit Technology UT699E Datasheet HTML 12Page - Aeroflex Circuit Technology UT699E Datasheet HTML 13Page - Aeroflex Circuit Technology UT699E Datasheet HTML 14Page - Aeroflex Circuit Technology UT699E Datasheet HTML 15Page - Aeroflex Circuit Technology UT699E Datasheet HTML 16Page - Aeroflex Circuit Technology UT699E Datasheet HTML 17Page - Aeroflex Circuit Technology UT699E Datasheet HTML 18Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
14
Aeroflex Microelectronics Solutions - HiRel
36-00-00-001
Ver. 1.5.0
2.17 Power and Ground Pins
PCI_ARB_GNT[4]
PCI-O
N3
high-z
PCI arbiter bus grant
PCI_ARB_GNT[5]
PCI-O
L3
high-z
PCI arbiter bus grant
PCI_ARB_GNT[6]
PCI-O
J3
high-z
PCI arbiter bus grant
PCI_ARB_GNT[7]
PCI-O
A3
high-z
PCI arbiter bus grant
Pin Name
Pin Number
Description
484 CLGA
VDD
B1, B10, B12, B22, E7, E9, E14, E16, F6, F10, F13, F17, G5, G9,
G14, H6, H8, H10, H13, H15, J7, J16, J18, K5, K8, K15, K17, L6,
M6, N5, N8, N15, N17, P7, P16, P18, R6, R8, R10, R13, R15, T5,
T9, T14, U6, U9, U11, U12, U14, U17, V10, V13, AA1, AA22
I/O supply voltage
VSS
A1, A12, A22, B11, C8, C10, C13, D4, D9, D14, D18, E4, E6, E10,
E13, E17, E19, F4, G4, G8, G11, G12, G15, G17, H4, H7, H16, H18,
J2, J4, J9, J14, K4, K10, K13, L7, L11, L12, L17, M7, M11, M12,
M17, N4, N10, N13, P4, P9, P14, R4, R7, R16, R18, T2, T4, T8,
T15, T17, U4, U10, U13, V4, V5, V8, V11, V12, V15, V18, AB1,
AB22
I/O supply ground
VDDC
A2, A21, D10, D13, E5, E11, E12, E18, F8, F15, G7, G10, G13,
G16, G18, H5, H9, H11, H12, H14, H17, J6, J8, J15, K7, K16, L4,
L8, L15, L18, M4, M8, M15, M18, N7, N16, P6, P8, P15, R5, R9,
R11, R12, R14, R17, T7, T10, T13, T16, T18, U8, U15, V6, V17,
AB2, AB21
Core supply voltage
VSSC
A10, C9, C14, D11, D12, E8, E15, F5, F7, F9, F11, F12, F14, F16,
F18, G6, H21, J5, J10, J11, J12, J13, J17, K6, K9, K11, K12, K14,
K18, L5, L9, L10, L13, L14, L16, M5, M9, M10, M13, M14, M16,
M19, N6, N9, N11, N12, N14, N18, P5, P10, P11, P12, P13, P17, T6,
T11, T12, U5, U7, U16, U18, U21, V7, V9, V14, V16
Core supply ground
Unused
D8
This pin may be left floating or tied to
VSS
Unused
D19
This pin must be tied to VSS
Pin Name
Direction
Pin
Number
Reset
Value
Description
484 CLGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com