Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9262 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9262
Description  HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9262 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9262 Datasheet HTML 3Page - Richtek Technology Corporation RT9262 Datasheet HTML 4Page - Richtek Technology Corporation RT9262 Datasheet HTML 5Page - Richtek Technology Corporation RT9262 Datasheet HTML 6Page - Richtek Technology Corporation RT9262 Datasheet HTML 7Page - Richtek Technology Corporation RT9262 Datasheet HTML 8Page - Richtek Technology Corporation RT9262 Datasheet HTML 9Page - Richtek Technology Corporation RT9262 Datasheet HTML 10Page - Richtek Technology Corporation RT9262 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary
RT9262/A
DS9262/A-04 August 2002
www.richtek.com
7
Typical Operating Charateristics
No Load Current
0
10
20
30
40
50
60
70
80
90
1
1.2
1.5
2
2.5
3
Input Voltage (V)
Refer to Application Circuit Fig.1 and Fig.2
TA = 25°C
VOUT = 3.3V
No Load Current
0
20
40
60
80
100
120
140
1
1.2
1.52
2.53
4
Input Voltage (V)
Refer to Application Circuit Fig.1 and Fig.2
TA = 25°C
VOUT = 5.0V
Start Up Voltage
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
2040
6080
100
ILOAD (mA)
Refer to Application Circuit Fig.1 and Fig.2
TA = 25°C
VOUT = 3.3V
ILOAD (mA) in constant resistance load
Start Up Voltage
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
025
50
75
100
ILOAD (mA)
Refer to Application Circuit Fig.1 and Fig.2
TA = 25°C
VOUT= 5.0V
ILOAD (mA) in constant resistance load
VOUT = 3.3V ; TA = 25°C
Efficiency
VOUT= 5.0V; TA = 25°C
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com