Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9262 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9262
Description  HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9262 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9262 Datasheet HTML 1Page - Richtek Technology Corporation RT9262 Datasheet HTML 2Page - Richtek Technology Corporation RT9262 Datasheet HTML 3Page - Richtek Technology Corporation RT9262 Datasheet HTML 4Page - Richtek Technology Corporation RT9262 Datasheet HTML 5Page - Richtek Technology Corporation RT9262 Datasheet HTML 6Page - Richtek Technology Corporation RT9262 Datasheet HTML 7Page - Richtek Technology Corporation RT9262 Datasheet HTML 8Page - Richtek Technology Corporation RT9262 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary
RT9262/A
DS9262/A-04 August 2002
www.richtek.com
1
High Efficiency, Low Supply Current,
Step-up DC/DC Converter
General Description
The RT9262/A is a compact, high efficient, step-up
DC/DC converter with an adaptive current mode
PWM control loop, providing a stable and high
efficient operation over a wide range of load
currents.
It
operates
in
both
continuous
and
discontinuous current modes in stable waveforms
without external compensation.
The low start-up input voltage below 1V makes
RT9262/A suitable for 1 to 4 battery cell applications
providing up to 400mA output current. The 550KHz
high switching rate minimized the size of external
components. Besides, the 17
µA low quiescent
current together with high efficiency maintains long
battery lifetime.
The 1.8V to 5V output voltage is set with 2 external
resistors. Both internal 2A switch and driver for
driving external power devices (NMOS or NPN) are
provided.
A 300mA LDO is included in RT9262 to provide a
secondary low noise output as well as an output
current stop in the shutdown mode. Similarly, a 1.8V
to 5V LDO output voltage can be set with 2 external
resistors. For RT9262A, a low battery detector with
0.86V detection voltage is included. RT9262/A are
provided in SOP-8 packages.
Ordering Information
RT9262A
Features
1.0V Low Start-up Input Voltage
High Supply Capability to Deliver 3.3V 100mA
with 1V Input Voltage
17
µA Quiescent (Switch-off) Supply Current
90% Efficiency
550KHz Fixed Switching Rate
Providing Flexibility for Using Internal and
External Power Switches
Built-in 300mA LDO, also for the Zero-Output-
Current Shutdown Mode (RT9262)
Boost DC-DC Integrating LDO for Up-Down
Regulation (RT9262)
Built-in 0.86V Voltage Detector (RT9262A)
8-Pin SOP Package
Applications
PDA
Portable Instrument
Wireless Equipment
DSC
LCD Back Bias Circuit
RF-Tags
Pin Configurations
Part Number
Pin Configurations
RT9262CS
(Plastic SOP-8)
TOP VIEW
RT9262ACS
(Plastic SOP-8)
TOP VIEW
Operating temperature range
C: Commercial standard
Package type
S : SOP-8
A : Include low battery detector
Default : Include LDO
GND
EXT
LFB
LDOO
CE
LX
VDD
FB
1
2
3
4
8
7
6
5
GND
EXT
LBO
LBI
CE
LX
VDD
FB
1
2
3
4
8
7
6
5


Similar Part No. - RT9262

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262 Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262AGS RICHTEK-RT9262AGS Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262APS RICHTEK-RT9262APS Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262GS RICHTEK-RT9262GS Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262PS RICHTEK-RT9262PS Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
More results

Similar Description - RT9262

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com