Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT06MRA010 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # UT06MRA010
Description  Commercial RadHardTM Gate Array Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT06MRA010 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button UT06MRA010 Datasheet HTML 3Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 4Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 5Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 6Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 7Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 8Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 9Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 10Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Table 3. Typical Cell Delays
Note:
1. All specifications in ns (typical). Output load capacitance is 50pF. Fanout loading for input buffers and gates is the equivalent of two gate input loads.
CELL
OUTPUT
TRANSITION
PROPAGATION
DELAY 1
Internal Gates
VDD = 5.0V
VDD = 3.3V
INV1, Inverter
HL
.15
.16
LH
.23
.29
INV4, Inverter 4X
HL
.06
.07
LH
.10
.16
NAND2, 2-Input NAND
HL
.19
.25
LH
.22
.33
NOR2, 2-Input NOR
HL
.16
.22
LH
.32
.45
DFF - CLK to Q
HL
.81
1.12
LH
.76
1.06
HL
.75
1.05
LH
.61
.85
Output Buffers
OC5050N4, CMOS
HL
3.85
2.15
LH
4.66
3.76
OT5050N4, TTL, 4mA
HL
5.58
5.49
LH
2.52
2.93
OT5050N12, TTL, 12mA
HL
2.42
LH
1.29
Input Buffers
IC5050, CMOS
HL
.81
1.07
LH
1.16
1.18
IT5050, TTL
HL
1.39
1.12
LH
1.16
1.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com