Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT06MRA010 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT06MRA010
Description  Commercial RadHardTM Gate Array Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT06MRA010 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT06MRA010 Datasheet HTML 5Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 6Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 7Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 8Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 9Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 10Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 11Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 12Page - Aeroflex Circuit Technology UT06MRA010 Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
ABSOLUTE MAXIMUM RATINGS 1
(Referenced to VSS)
Note:
1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and functional operation
of the device at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
VDD
DC supply voltage
-0.3 to 6.0V
VI/O
Voltage on any pin
-0.3V to VDD + 0.3
TSTG
Storage temperature
-65 to +150
C
TJ
Maximum junction temperature
+175
C
ILU
Latchup immunity
150mA
II
DC input current
10mA
TLS
Lead temperature (soldering 5 sec)
+300
C
SYMBOL
PARAMETER
LIMITS
VDD
Positive supply voltage
3.0 to 5.5V
TC
Case temperature range
-55 to +125C
VIN
DC input voltage
0V to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com