Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IQS211 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IQS211
Description  Single Channel Capacitive Proximity/Touch Controller with movement detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS211 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IQS211 Datasheet HTML 17Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 18Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 19Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 20Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 21Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 22Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 23Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 24Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ProxSense
® Series
Copyright © Azoteq 2015
IQS211 Datasheet v1.3
Page 21 of 33
All Rights Reserved
Check for latest datasheet
November 2015
Figure 4.2 How to use RDY signal on clock line
Communications may be initiated at any time from clock low-to-high transition plus 40us until
20ms thereafter, when the communications window closes. Polling should be done within this
time window in order to communicate with the device. If now communications are done the
window will time out. If communications are completed with a stop command, the window will
close and sampling will continue after a sleep period.
*Erata: After changing register 0xC7 (memory map) in this mode, it is required to read
any other register in order to activate the chosen user interface (such as a standalone
mode) before sending a stop command.
4.3 I2C polling with RDY on clock and wake-up on pin change (111)
This I2C mode is aimed at applications that require the flexibility of I2C settings, but requires
wake-up functionality from the master side. A ready indication is also given on the clock line to
enable the master to efficiently handle the available communications window.
The wake-up on pin change prevents this configuration from being used along with other
devices on the bus.
Scan time
Sample time
Processing
VDDHI
CLK
0V
Delay before
communication
window 40us
Communication
timeout 20ms
Increased Scan time
No communication initiated
time
(not to scale)
Successful communications
(initiated by master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com