Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IQS211 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # IQS211
Description  Single Channel Capacitive Proximity/Touch Controller with movement detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS211 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button IQS211 Datasheet HTML 23Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 24Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 25Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 26Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 27Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 28Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 29Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 30Page - List of Unclassifed Manufacturers IQS211 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
ProxSense
® Series
Copyright © Azoteq 2015
IQS211 Datasheet v1.3
Page 27 of 33
All Rights Reserved
Check for latest datasheet
November 2015
6
Specifications
6.1 Absolute maximum ratings
The following absolute maximum parameters are specified for the device:
Exceeding these maximum specifications may cause damage to the device.
Operating temperature
-40°C to 85°C
Supply Voltage (VDDHI – VSS)
3.6V
Maximum pin voltage
VDDHI + 0.5V (may not
exceed VDDHI max)
Maximum continuous current (for specific Pins)
10mA
 Minimum pin voltage
VSS
– 0.5V
 Minimum power-on slope
100V/s
 ESD protection
±8kV (Human body model)
 Package Moisture Sensitivity Level (MSL)
1
Table 6.1 IQS211 General Operating Conditions
DESCRIPTION
Conditions
PARAME
TER
MIN
TYP
MAX
UNIT
Supply voltage
VDDHI
1.8
3.3V
3.6
V
Internal regulator output
1.8 ≤ V
DDHI≤ 3.6
VREG
1.62
1.7
1.79
V
Default Operating Current
3.3V, Scan time
= 9
IIQS211DP
77
88
μA
Low
Power
Example
Setting 1*
3.3V, Scan time
=32
IIQS211LP32
23
μA
Low
Power
Example
Setting 2*
3.3V, Scan time
=64
IIQS211LP64
9.5
μA
Low
Power
Example
Setting 3*
3.3V, Scan time
=128
IIQS211LP128
5.5
μA
Low
Power
Example
Setting 4*
3.3V, Scan time
=256
IIQS211LP256
3.5
3.9
μA
*Scan time in ms
Table 6.2 Start-up and shut-down slope Characteristics
DESCRIPTION
Conditions
PARAMETER
MIN
MAX
UNIT
Power On Reset
VDDHI Slope ≥ 100V/s
@25°C
POR
1.2
1.6
V
Brown Out Detect
VDDHI Slope ≥ 100V/s
@25°C
BOD
1.15
1.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com