Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD4538BC Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4538BC
Description  Dual Precision Monostable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4538BC Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CD4538BC Datasheet HTML 2Page - National Semiconductor (TI) CD4538BC Datasheet HTML 3Page - National Semiconductor (TI) CD4538BC Datasheet HTML 4Page - National Semiconductor (TI) CD4538BC Datasheet HTML 5Page - National Semiconductor (TI) CD4538BC Datasheet HTML 6Page - National Semiconductor (TI) CD4538BC Datasheet HTML 7Page - National Semiconductor (TI) CD4538BC Datasheet HTML 8Page - National Semiconductor (TI) CD4538BC Datasheet HTML 9Page - National Semiconductor (TI) CD4538BC Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Applications (Continued)
TLF6000 – 10
FIGURE 6 Switching Test Waveforms
TLF6000 – 11
CL e 50 pF
RX e RX e 100 kX
CX e CX e 100 pF
C1 e C2 e 01 mF
TLF6000 – 12
Input Connections
Characteristics
CD
A
B
tPLH tPHL tTLH tTHL
VDD
PG1
VDD
PWOUT tWH tWL
tPLH tPHL tTLH tTHL
VDD
VSS
PG2
PWOUT tWH tWL
tPLH(R) tPHL(R)
PG3
PG1
PG2
tWH tWL
Includes capacitance of probes
wiring and fixture parasitic
Note
Switching test waveforms
for PG1 PG2 PG3 are
shown in
Figure 6
TLF6000 – 13
FIGURE 7 Switching Test Circuit
TLF6000 – 14
Duty Cycle e 50%
FIGURE 8 Power Dissipation Test
Circuit and Waveforms
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com