Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD4538BC Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4538BC
Description  Dual Precision Monostable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4538BC Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CD4538BC Datasheet HTML 2Page - National Semiconductor (TI) CD4538BC Datasheet HTML 3Page - National Semiconductor (TI) CD4538BC Datasheet HTML 4Page - National Semiconductor (TI) CD4538BC Datasheet HTML 5Page - National Semiconductor (TI) CD4538BC Datasheet HTML 6Page - National Semiconductor (TI) CD4538BC Datasheet HTML 7Page - National Semiconductor (TI) CD4538BC Datasheet HTML 8Page - National Semiconductor (TI) CD4538BC Datasheet HTML 9Page - National Semiconductor (TI) CD4538BC Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Typical Applications (Continued)
TLF6000 – 15
TLF6000 – 16
FIGURE 9 Typical Normalized Distribution of Units
for Output Pulse Width
FIGURE 12 Typical Pulse Width Error
Versus Temperature
TLF6000 – 17
TLF6000 – 18
FIGURE 10 Typical Pulse Width Variation as a
Function of Supply Voltage VDD
FIGURE 13 Typical Pulse Width Error
Versus Temperature
TLF6000 – 19
TLF6000 – 20
FIGURE 11 Typical Total Supply Current Versus
Output Duty Cycle RX e 100 kX CL e 50 pF
CX e 100 pF One Monostable Switching Only
FIGURE 14 Typical Pulse Width Versus
Timing RC Product
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com