Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP38692MP-ADJ/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP38692MP-ADJ/NOPB
Description  1-A Low Dropout CMOS Linear Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38692MP-ADJ/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP38692MP-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
LP38690-ADJ, LP38692-ADJ
SNVS323I – DECEMBER 2004 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LP38690-ADJ LP38692-ADJ
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the TI Sales Office/ Distributors for availability and specifications.
(3)
If used in a dual-supply system where the regulator load is returned to a negative supply, the output pin must be diode clamped to
ground.
(4)
At elevated temperatures, device power dissipation must be derated based on package thermal resistance and heatsink values (if a
heatsink is used). When using the WSON package, refer to Leadless Leadframe Package (LLP) (SNOA401) and the WSON Mounting
section in this datasheet. If power dissipation causes the junction temperature to exceed specified limits, the device goes into thermal
shutdown.
6 Specifications
6.1 Absolute Maximum Ratings
see
(1) (2)
MIN
MAX
UNIT
All pins (with respect to GND), VMAX
–0.3
12
V
IOUT
(3)
Internally Limited
Power dissipation(4)
Internally Limited
Junction temperature
−40
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
2000
V
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage, VIN
2.7
10
V
Operating junction temperature, TJ
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Thermal resistance value RθJA is based on EIA/JEDEC High-K printed circuit board defined by: JESD51-7 - High Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages.
(3)
The PCB for the WSON (NGG) package RθJA includes four (4) thermal vias under the exposed thermal pad per EIA/JEDEC JESD51-5.
6.4 Thermal Information
THERMAL METRIC(1)
LP38692-ADJ
LP3869x-ADJ
UNIT
NDC (SOT-223)
NGG (WSON)
5 PINS
6 PINS
RθJA
(2)
Junction-to-ambient thermal resistance, High-K
68.5
50.6(3)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.2
44.4
°C/W
RθJB
Junction-to-board thermal resistance
13.0
24.9
°C/W
ψJT
Junction-to-top characterization parameter
5.5
0.4
°C/W
ψJB
Junction-to-board characterization parameter
12.8
25.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
5.4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com