Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP38692MP-ADJ/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP38692MP-ADJ/NOPB
Description  1-A Low Dropout CMOS Linear Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38692MP-ADJ/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP38692MP-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LP38690
-ADJ
IN
OUT
GND
VOUT
VIN
R1
R2
ADJ
LP38692
-ADJ
IN
OUT
GND
VOUT
VIN
R1
R2
VEN
EN
ADJ
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP38690-ADJ, LP38692-ADJ
SNVS323I – DECEMBER 2004 – REVISED FEBRUARY 2016
LP3869x-ADJ 1-A Low Dropout CMOS Linear Regulator With Adjustable Output -
Stable With Ceramic Output Capacitors
1
1 Features
1
•
Input Voltage Range: 2.7 V to 10 V
•
Output Voltage Range: 1.25 V to 9 V
•
2.5% Adjust Pin Voltage Accuracy (25°C)
•
Low Dropout Voltage: 450 mV at 1 A (5-V Typical
VOUT)
•
Precision (Trimmed) Bandgap Reference
•
Ensured Specs for –40°C to +125°C
•
1-µA Off-State Quiescent Current
•
Thermal Overload Protection
•
Foldback Current Limiting
•
Enable (EN) Pin (LP38692-ADJ)
•
5-Pin SOT-223 and 6-Pin WSON Packages
2 Applications
•
Hard Disk Drives
•
Notebook Computers
•
Battery-Powered Devices
•
Portable Instrumentation
3 Description
The LP38690-ADJ and LP38692-ADJ low dropout
CMOS linear regulators provide 2.5% precision
reference voltage, extremely low dropout voltage
(450 mV at 1-A load current, VOUT = 5 V) and
excellent AC performance utilizing ultralow equivalent
series resistance (ESR) ceramic output capacitors.
The low thermal resistance of the WSON and SOT-
223 packages allow the full operating current to be
used
even
in
high
ambient
temperature
environments.
The use of a PMOS power transistor means that no
DC base drive current is required to bias it allowing
ground
pin
current
to
remain
below
100
µA
regardless of load current, input voltage, or operating
temperature.
•
Dropout Voltage: 450 mV (typical) at 1 A (typical
5-V out)
•
Ground Pin Current: 55 µA (typical) at full load
•
Adjust Pin Voltage: 2.5% (25°C) accuracy
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP38690-ADJ
WSON (6)
3.00 mm × 3.00 mm
LP38692-ADJ
LP38692-ADJ
SOT-223 (5)
6.50 mm × 3.56 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic LP38690-ADJ
Simplified Schematic LP38692-ADJ
VOUT = VADJ × (1 + R1/R2)


Similar Part No. - LP38692MP-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38692MP-ADJ NSC-LP38692MP-ADJ Datasheet
777Kb / 13P
1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
More results

Similar Description - LP38692MP-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
1 A Low Dropout Positive Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
logo
Analog Devices
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com