Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3203CY Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3203CY
Description  3V RS-232 Serial Transceiver with Logic Selector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203CY Datasheet(HTML) 1 Page - Sipex Corporation

  SP3203CY Datasheet HTML 1Page - Sipex Corporation SP3203CY Datasheet HTML 2Page - Sipex Corporation SP3203CY Datasheet HTML 3Page - Sipex Corporation SP3203CY Datasheet HTML 4Page - Sipex Corporation SP3203CY Datasheet HTML 5Page - Sipex Corporation SP3203CY Datasheet HTML 6Page - Sipex Corporation SP3203CY Datasheet HTML 7Page - Sipex Corporation SP3203CY Datasheet HTML 8Page - Sipex Corporation SP3203CY Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Rev. 6/25/03
SP3203
© Copyright 2003 Sipex Corporation
3V RS-232 Serial Transceiver with Logic Selector
The SP3203 provides a RS-232 transceiver solution for portable and hand-held applications
such as palmtops, PDA's and cell phones. The SP3203 uses an internal high-efficiency,
charge-pump that requires only 0.1µF capacitors during 3.3V operation. This charge pump
and Sipex's driver architecture allow the SP3203 to deliver compliant RS-232 performance
from a single power supply ranging from +3.0V to +5.5V.
The SP3203 is a 3-driver/2-receiver device, with a unique V
L pin to program the TTL input
and output logic levels to allow interoperation in mixed-logic voltage systems such as PDA's
and cell phones. Receiver outputs will not exceed V
L for VOH and transmitter input logic levels
are scaled by the magnitude of the V
L input.
■ 3 Driver/ 2 Receiver Architecture
■ Logic selector function (V
L) sets TTL
input/output levels for mixed logic
systems
■ Meets true EIA/TIA-232-F Standards
from a +3.0V to +5.5V power supply
■ Interoperable with EIA/TIA-232 and
adheres to EIA/TIA-562 down to a
+2.7V power source
■ Minimum 250Kbps data rate under load
■ Regulated Charge Pump Yields Stable
RS-232 Outputs Regardless of V
CC
Variations
■ ESD Specifications:
+2kV Human Body Model
DESCRIPTION
■ Applications
■ Palmtops
■ Cell phone Data Cables
■ PDA's
SP3203
®


Similar Part No. - SP3203CY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203E SIPEX-SP3203E Datasheet
116Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Exar Corporation
SP3203E EXAR-SP3203E Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver
logo
Sipex Corporation
SP3203ECY SIPEX-SP3203ECY Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
SP3203ECY SIPEX-SP3203ECY Datasheet
116Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
More results

Similar Description - SP3203CY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP332 SIPEX-SP332 Datasheet
188Kb / 10P
RS-232/RS-485 Multi-Mode Serial Transceiver
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Maxim Integrated Produc...
MAX3325 MAXIM-MAX3325 Datasheet
110Kb / 12P
3V Dual RS-232 Transceiver with LCD Supply and Contrast Controller
Rev 0; 10/99
logo
Sipex Corporation
SP3203E SIPEX-SP3203E_05 Datasheet
116Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Texas Instruments
TRS3386E TI-TRS3386E Datasheet
375Kb / 16P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
TRS3253E TI-TRS3253E Datasheet
637Kb / 19P
RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
logo
Exar Corporation
SP3203ECY-L EXAR-SP3203ECY-L Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
logo
Maxim Integrated Produc...
MAX212CWG MAXIM-MAX212CWG Datasheet
116Kb / 8P
3V-Powered, Low-Power, True RS-232 Transceiver
Rev 2; 2/94
logo
Exar Corporation
SP3203EEY-L EXAR-SP3203EEY-L Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
SP3203E EXAR-SP3203E Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com