Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3203CY Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP3203CY
Description  3V RS-232 Serial Transceiver with Logic Selector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203CY Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP3203CY Datasheet HTML 6Page - Sipex Corporation SP3203CY Datasheet HTML 7Page - Sipex Corporation SP3203CY Datasheet HTML 8Page - Sipex Corporation SP3203CY Datasheet HTML 9Page - Sipex Corporation SP3203CY Datasheet HTML 10Page - Sipex Corporation SP3203CY Datasheet HTML 11Page - Sipex Corporation SP3203CY Datasheet HTML 12Page - Sipex Corporation SP3203CY Datasheet HTML 13Page - Sipex Corporation SP3203CY Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Rev. 6/25/03
SP3203
© Copyright 2003 Sipex Corporation
14
Model
Temperature Range
Package Types
SP3203CY
0°C to +70°C
20-pin TSSOP
SP3203EY
-40°C to +85°C
20-pin TSSOP
ORDERING INFORMATION
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Corporation
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com