Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3221ECY/TR Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP3221ECY/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3221ECY/TR Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP3221ECY/TR Datasheet HTML 10Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 11Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 12Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 13Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 14Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 15Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 16Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 17Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Date: 7/21/04
SP3221E +3.0V to +5.5V RS-232 Transceiver
© Copyright 2004 Sipex Corporation
b
c
WITH LEAD FINISH
BASE METAL
-
-
2.0
0.05
-
-
Dimensions in (mm)
16 PIN SSOP
JEDEC MO-150
(AC) Variation
1.65
1.75
1.85
0.22
-
0.38
0.09
-
0.25
0.55
0.75
0.95
0º
4º
8º
A
A1
A2
b
c
D
E
E1
L
L1
Ø
MIN
NOM MAX
7.40
7.80
8.20
5.00
5.30
5.60
1.25 REF
5.90
6.20
6.50
Seating Plane
A2
A
A1
SEE DETAIL “A”
L1
L
Seaing Plane
Ø
2 NX R R1
A
A
DETAIL A
Gauge Plane
Section A-A
D
INDEX AREA
D
2
x
2
E1
N
1
2
E1
E
b
16 PIN SSOP
PACKAGE: 16 PIN SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com