Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3221ECY/TR Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP3221ECY/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3221ECY/TR Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP3221ECY/TR Datasheet HTML 10Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 11Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 12Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 13Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 14Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 15Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 16Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 17Page - Sipex Corporation SP3221ECY/TR Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Date: 7/21/04
SP3221E +3.0V to +5.5V RS-232 Transceiver
© Copyright 2004 Sipex Corporation
18
Part Number
Operating Temperature Range
Package Type
SP3221ECY ........... ...............................0°C to +70°C ........................................................... 16-pin TSSOP
SP3221ECY/TR ..... ...............................0°C to +70°C ........................................................... 16-pin TSSOP
SP3221ECA ........... ...............................0°C to +70°C ............................................................. 16-pin SSOP
SP3221ECA/TR ..... ...............................0°C to +70°C ............................................................. 16-pin SSOP
SP3221EEY ......... ...............................-40°C to +85°C .......................................................... 16-pin TSSOP
SP3221EEY/TR .... ...............................-40°C to +85°C .......................................................... 16-pin TSSOP
SP3221EEA ......... ...............................-40°C to +85°C ............................................................ 16-pin SSOP
SP3221EEA/TR .... ...............................-40°C to +85°C ............................................................ 16-pin SSOP
ORDERING INFORMATION
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hilliview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
e-mail: sales@sipex.com
/TR = Tape and Reel
Pack quantity is 1,500 for TSSOP and 2,500 for SSOP.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP3221ECA/TR = standard; SP3221ECA-L/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com