Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM337IMP/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM337IMP/NOPB
Description  3-Terminal Adjustable Negative Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337IMP/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM337IMP/NOPB Datasheet HTML 12Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 13Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 14Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 15Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 16Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 17Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 18Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 19Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LM137, LM337-N
SNVS778E – MAY 1999 – REVISED JANUARY 2016
www.ti.com
9 Power Supply Recommendations
The input supply to the LM137 and LM337-N must be kept at a voltage level such that its maximum input to
output differential voltage rating is not exceeded. The minimum dropout voltage must also be met with extra
headroom when possible to keep the LM137 and LM337-N in regulation. TI recommends an input capacitor,
especially when the input pin is placed more than 4 inches away from the power-supply filter capacitor.
10 Layout
10.1 Layout Guidelines
Some layout guidelines must be followed to ensure proper regulation of the output voltage with minimum noise.
Traces carrying the load current must be wide to reduce the amount of parasitic trace inductance and the
feedback loop from VOUT to ADJ must be kept as short as possible. To improve PSRR, a bypass capacitor can
be placed at the ADJ pin and must be placed as close as possible to the IC. In cases when VIN shorts to ground,
an external diode must be placed from VIN to VOUT to divert the surge current into the output capacitor and
protect the IC. Similarly, in cases when a large bypass capacitor is placed at the ADJ pin and VOUT shorts to
ground, an external diode must be placed from VOUT to ADJ to provide a path for the bypass capacitor to
discharge. These diodes must be placed close to the corresponding IC pins to increase their effectiveness.
10.2 Layout Example
Figure 18. Layout Example (SOT-223)
16
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: LM137 LM337-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com