Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM337IMP/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM337IMP/NOPB
Description  3-Terminal Adjustable Negative Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337IMP/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM337IMP/NOPB Datasheet HTML 6Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 7Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 8Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 9Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 10Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 11Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 12Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 13Page - Texas Instruments LM337IMP/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LM137, LM337-N
SNVS778E – MAY 1999 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
LM137
VOUT = −10 V
VIN − VOUT = −40 V
IL = 0 A → 0.25 A → 0 A
Horizontal sensitivity, 20 ms/div
Figure 14. Output Drift (10-W Pulse for 100 ms)
7.4 Device Functional Modes
7.4.1 Protection Diodes
When external capacitors are used with any IC regulator, it is sometimes necessary to add protection diodes to
prevent the capacitors from discharging through low current points into the regulator. Most 10-
μF capacitors have
low enough internal series resistance to deliver 20-A spikes when shorted. Although the surge is short, there is
enough energy to damage parts of the IC.
When an output capacitor is connected to a negative output regulator and the input is shorted, the output
capacitor pulls current out of the output of the regulator. The current depends on the value of the capacitor, the
output voltage of the regulator, and the rate at which VIN is shorted to ground.
The bypass capacitor on the adjustment terminal can discharge through a low current junction. Discharge occurs
when either the input, or the output, is shorted. Figure 15 shows the placement of the protection diodes.
10
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: LM137 LM337-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com