Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6231ER-3.3/TR Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6231ER-3.3/TR
Description  500mA, 3.3V Linear Regulator with Auxiliary Backup
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6231ER-3.3/TR Datasheet(HTML) 3 Page - Sipex Corporation

  SP6231ER-3.3/TR Datasheet HTML 1Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 2Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 3Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 4Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 5Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 6Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 7Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 8Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Date: 5/25/04
SP6231 500mA, 3.3V Linear Regulator
© Copyright 2004 Sipex Corporation
8 Pin NSOIC
6 Pin DFN
PIN NAME
DESCRIPTION
VSENSE
Kelvin connection with 3.3V feedback. Always tiethis pin to
1
4
the point of regulation
2
5
VIN
Main 5V input.
3
6
VOUT
VOUT = 3.3V when VIN > 4.5V; VOUT = VAUX when VIN ≤ 4.4V
4
1
VAUX
3.3V auxiliary backup supply that is switched in through an
internal PMOS when VIN drops below 4.4V typically.
5-8
3
GND
6 pin MLP is grounded.
-
2
NC
No connect
FUNCTIONAL DIAGRAM
Bandgap
Reference
GND
VAUX
VIN
VIN
VOUT
VSENSE
(Kelvin tied to VOUT)
GND
R4
+
_
VREF
VREF
Current
Limit
0.8A
Thermal
Shutdown
165°C
R1
R2
ENABLE
100mV
Hysteresis
+3.3V VAUX
M2
M1
Control Logic
R3
Current
Limit
1.0A
-
+
VREF
ENABLE
LDO
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com