Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6231ER-3.3/TR Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6231ER-3.3/TR
Description  500mA, 3.3V Linear Regulator with Auxiliary Backup
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6231ER-3.3/TR Datasheet(HTML) 5 Page - Sipex Corporation

  SP6231ER-3.3/TR Datasheet HTML 1Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 2Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 3Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 4Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 5Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 6Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 7Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 8Page - Sipex Corporation SP6231ER-3.3/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Date: 5/25/04
SP6231 500mA, 3.3V Linear Regulator
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT
Figure 7. Glitch Free Operation: Switching from VAUX
to VIN and vice versa. VAUX = 3.3V, ILOAD = 100mA.
0
10
20
30
40
50
60
70
80
90
0
100
200
300
400
500
600
700
Output Current (mA)
Figure 6. Ground pin current vs. load in backup switch
mode, VAUX = 3.3V, VIN is floating.
0
10
20
30
40
50
60
70
01
234
5
6
VAUX(V)
Figure 5. Ground pin current vs. VAUX backup switch
mode, VIN is floating, no load.
Figure 4. VOUT over temperature, VIN = 5V, IL = 10
µA.
3.268
3.270
3.272
3.274
3.276
3.278
3.280
3.282
3.284
3.286
3.288
-60
-10
40
90
140
Temperature (°C)
Figure 3. Ground pin current vs. load in LDO mode,
VIN = 5V, VAUX = 3.3V.
Figure 2. DC load regulation (includes thermal heating
of the die), Vin=5V
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
0
100
200
300
400
500
Load Current (mA)
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
700
800
900
Load Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com