Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6648 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6648 Datasheet HTML 1Page - Sipex Corporation SP6648 Datasheet HTML 2Page - Sipex Corporation SP6648 Datasheet HTML 3Page - Sipex Corporation SP6648 Datasheet HTML 4Page - Sipex Corporation SP6648 Datasheet HTML 5Page - Sipex Corporation SP6648 Datasheet HTML 6Page - Sipex Corporation SP6648 Datasheet HTML 7Page - Sipex Corporation SP6648 Datasheet HTML 8Page - Sipex Corporation SP6648 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Date: 7/19/04
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
LX, Vo, VBATT , LBON, FB to GND pin ................................ -0.3 to 6.0V
SHDN, LBI ........................................................... -0.3V to VBATT +1.0V
Vo, GND, LX Current ....................................................................... 2A
Reverse VBATT Current .............................................................. 220mA
Forward VBATT Current .............................................................. 500mA
Storage Temperature .................................................. -65 °C to 150°C
PARAMETER
MIN
TYP
MAX
UNITS
♦
CONDITIONS
Input Voltage Operating Range, VBATT
0.7
4.5
V
♦
After Startup
Output Voltage Range, VOUT
2.5
5.5
V
♦
Start-up Input Voltage, VBATT
0.85
1.1
V
♦
RLOAD = 3kΩ
Under Voltage Lock-out/UVLO
0.5
0.61
0.7
V
♦
Output Voltage, VO
3.12
3.30
3.48
V
♦
Internal Feedback Divider
Quiescent Current into VO, IQO
12
25
µA
♦
VOUT = 3.3V, VFB = 1.5V, Toggle SHDN
Quiescent Current into VBATT, IQB
250
750
nA
♦
VOUT = 3.3V, VFB = 1.5V
Shutdown Current into VO, ISDO
1
500
nA
♦
VSHDN = 0V
Shutdown Current into VBATT, ISDB
250
750
nA
♦
VSHDN = 0V, VBATT = 2.6V
Efficiency
84
%
VBATT = 1.3V, IOUT = 100mA, RLIM =2kΩ
92
%
VBATT = 2.6V, IOUT = 200mA, RLIM =2kΩ
Inductor Current Limit, IPK = 1600/RLIM
650
800
1000
mA
♦
RLIM = 2kΩ
1300
1600
2000
mA
♦
RLIM = 1kΩ
100
mA
VBATT = 1.3V, RLIM = 4kΩ
Output Current
200
mA
VBATT = 2.6V, RLIM = 4kΩ
150
mA
VBATT = 1.3V, RLIM =2kΩ
400
mA
VBATT = 2.6V, RLIM =2kΩ
Minimum Off-Time Constant KOFF
0.5
1.0
1.5
V*µs
♦
KOFF ≤ TOFF (VOUT- VBATT)
Maximum On-Time Constant KON
2.5
4.0
5.5
V*µs
♦
KON ≥ TON (VBATT)
Enable Valid to Output Stable
300
500
µsILOAD = 1mA
NMOS Switch Resistance
0.30
0.6
Ω♦
INMOS = 100mA
PMOS Switch Resistance
0.30
0.6
Ω♦
IPMOS = 100mA
FB Set Voltage, VFB
1.19
1.25
1.31
V
♦
External feedback
FB Input Current
1
100
nA
♦
VFB =1.3V
LBI Falling Trip Voltage
0.56
0.61
0.66
V
♦
LBI Hysteresis
25
mV
Low Output Voltage for LBON, VOL
0.4
V
♦
VBATT = 1.3V, ISINK = 1mA
Leakage current for LBON
1
µA
♦
VBATT = 1.3V, VLBON = 3.3V
SHDN Input Voltage, Note 1
VIL
0.25
♦
VBATT = 1.3V
VIH
1.0
V
♦
VBATT = 1.3V
VIL
0.5
♦
VBATT = 2.6V
VIH
2.0
♦
VBATT = 2.6V
SHDN Input Current
1
100
nA
♦
LX Pin Leakage
3
µA
ELECTRICAL SPECIFICATIONS
VBATT=VSHDN = 2.6V, VFB=0V, ILOAD = 0mA, TAMB= -40°C to +85°C, VOUT = +3.3V, typical values at 27°C unless otherwise
noted. The ♦ denotes the specifications which apply over full operating temperature range -40*C to +85°C, unless otherwise
specified.
Operating Temperature ................................................ -40°C to +85°C
Lead Temperature (Soldering, 10 sec) ....................................... 300 °C
ESD Rating ........................................................................ 1.5kV HBM
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
ABSOLUTE MAXIMUM RATINGS
Note 1: SHDN must transition faster than 1V/100mS for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com