Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6648 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6648 Datasheet HTML 1Page - Sipex Corporation SP6648 Datasheet HTML 2Page - Sipex Corporation SP6648 Datasheet HTML 3Page - Sipex Corporation SP6648 Datasheet HTML 4Page - Sipex Corporation SP6648 Datasheet HTML 5Page - Sipex Corporation SP6648 Datasheet HTML 6Page - Sipex Corporation SP6648 Datasheet HTML 7Page - Sipex Corporation SP6648 Datasheet HTML 8Page - Sipex Corporation SP6648 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Date: 7/19/04
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
PIN DESCRIPTION
PIN NUMBER
PIN NAME
DESCRIPTION
1VBATT
Battery Voltage. The startup circuitry is powered by this pin. Battery
Voltage is used to calculate switch off time: tOFF = KOFF/ (VOUT -
VBATT). When the battery voltage drops below 0.61V the SP6648
goes into an undervoltage lockout mode (UVLO), where the part is shut
down.
2
LBI
Low Battery Input. LBI below 0.61V causes the SP6648 pin to pull
LBON pin down to ground. Use a resistor divider to program the low
voltage threshold for a specific battery configuration.
3
LBON
Low Battery Output Not. Open drain NMOS output that sinks current
to ground when LBI is below 0.61V.
4RLIM
Current Limit Resistor. By connecting a resistor RLIM from this pin to
ground the inductor peak current is set by IPEAK=1600/RLIM. The range
for RLIM is 9kΩ (for 180mA) to 1.KΩ (for 1.6A).
5
SHDN
Shutdown Not. Tie this pin high to VBATT, for normal operation. Pull
this pin to ground to disable all circuitry inside the chip. In shutdown
the output voltage will float down to a diode drop below the battery
voltage.
6FB
Feedback. Connect this pin to GND for fixed +3.3V operation.
Connect this pin to a resistor voltage divider between VOUT and GND
for adjustable output operation.
7
GND
Ground. Connect to ground plane.
8
PGND
Power Ground. The inductor charging current flows out of this pin.
9LX
Inductor Switching Node. Connect one terminal of the inductor to the
positive terminal of the battery. Connect the second terminal of the
inductor to this pin. The inductor charging current flows into LX,
through the internal charging N-channel FET, and out the PGND pin.
10
VOUT
Output Voltage. The inductor current flows out of this pin during
switch off-time. It is also used as the internal regulator voltage supply.
Connect this pin to the positive terminal of the output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com