Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6690EK/TR Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6690EK/TR
Description  Micro Power Boost Regulator Series White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6690EK/TR Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6690EK/TR Datasheet HTML 5Page - Sipex Corporation SP6690EK/TR Datasheet HTML 6Page - Sipex Corporation SP6690EK/TR Datasheet HTML 7Page - Sipex Corporation SP6690EK/TR Datasheet HTML 8Page - Sipex Corporation SP6690EK/TR Datasheet HTML 9Page - Sipex Corporation SP6690EK/TR Datasheet HTML 10Page - Sipex Corporation SP6690EK/TR Datasheet HTML 11Page - Sipex Corporation SP6690EK/TR Datasheet HTML 12Page - Sipex Corporation SP6690EK/TR Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Date: 05/25/04
SP6690 Micro Power Boost Regualtor, Series White LED Driver
© Copyright 2004 Sipex Corporation
Inductor Selection
For SP6690, the internal switch will be turned
off only after the inductor current reaches the
typical dc current limit (ILIM=350mA). How-
ever, there is typically propagation delay of
200nS between the time when the current limit
is reached and when the switch is actually turned
off. During this 200nS delay, the peak inductor
current will increase, exceeding the current limit
by a small amount. The peak inductor current
can be estimated by:
IPK = ILIM +
VIN(MAX)
• 200nS
L
The larger the input voltage and the lower the
inductor value, the greater the peak current.
In selecting an inductor, the saturation current
specified for the inductor needs to be greater
than the SP6690 peak current to avoid saturating
the inductor, which would result in a loss in
efficiency and could damage the inductor.
Choosing an inductor with low DCR decreases
power losses and increase efficiency.
Refer to Table 1 for some suggested low ESR
inductors.
Table 1. Suggested Low ESR inductor
MANUF.
PART NUMBER
DCR
Current
(
Ω)
Rating
(mA)
MURATA
LQH32CN100K11
0.3
450
770-436-1300
(10
µH)
TDK
NLC453232T-100K
0.55
500
847-803-6100
(10
µH)
Diode Selection
A schottky diode with a low forward drop and
fast switching speed is ideally used here to
achieve high efficiency. In selecting a Schottky
diode, the current rating of the schottky diode
should be larger than the peak inductor current.
Moreover, the reverse breakdown voltage of the
schottky diode should be larger than the output
voltage.
Capacitor Selection
Ceramic capacitors are recommended for their
inherently low ESR, which will help produce
low peak to peak output ripple, and reduce high
frequency spikes.
For the typical application, 4.7
µF input capaci-
tor and 2.2
µF output capacitor are sufficient.
The input and output ripple could be further
reduced by increasing the value of the input and
output capacitors. Place all the capacitors as
close to the SP6690 as possible for layout. For
use as a voltage source, to reduce the output
ripple, a small feedforward (47pF) across the
top feedback resistor can be used to provide
sufficient overdrive for the error comparator,
thus reduce the output ripple.
Refer to Table 2 for some suggested low ESR
capacitors.
Table 2. Suggested Low ESR Capacitor
MANUF.
PART NUMBER
CAP
SIZE
/VOLTAGE /TYPE
MURATA
GRM32RR71E
2.2
µF
1210
770-436-1300
225KC01B
/25V
/X5R
MURATA
GRM31CR61A
4.7
µF
1206
770-436-1300
475KA01B
/10V
/X5R
TDK
C3225X7R1E
2.2
µF
1210
847-803-6100
225M
/25V
/X7R
TDK
C3216X5R1A
4.7
µF
1206
847-803-6100
475K
/10V
/X5R
LED Current Program
In the white LEDs application, the SP6690 is
generally programmed as a current source. The
bias resistor Rb, as shown in the typical applica-
tion circuit is used to set the operating current of
the white LED using the equation:
Rb =
VFB
IF
where VFB is the feedback pin voltage (1.22V),
IF is the operating current of the White LEDs.
In order to achieve accurate LED current, 1%
APPLICATION INFORMAMTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com