Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6690EK/TR Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6690EK/TR
Description  Micro Power Boost Regulator Series White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6690EK/TR Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6690EK/TR Datasheet HTML 6Page - Sipex Corporation SP6690EK/TR Datasheet HTML 7Page - Sipex Corporation SP6690EK/TR Datasheet HTML 8Page - Sipex Corporation SP6690EK/TR Datasheet HTML 9Page - Sipex Corporation SP6690EK/TR Datasheet HTML 10Page - Sipex Corporation SP6690EK/TR Datasheet HTML 11Page - Sipex Corporation SP6690EK/TR Datasheet HTML 12Page - Sipex Corporation SP6690EK/TR Datasheet HTML 13Page - Sipex Corporation SP6690EK/TR Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Date: 05/25/04
SP6690 Micro Power Boost Regualtor, Series White LED Driver
© Copyright 2004 Sipex Corporation
precision resistors are recommended. Table 3
below shows the Rb selection for different white
LED currents. For example, to set the operating
current to be 20mA, Rb is selected as 60.4 Ω, as
shown in the schematic.
Table 3. Bias Resistor Selection
IF (mA)
Rb (
Ω)
5
243
10
121
12
102
15
80.6
20
60.4
Output Voltage Program
The SP6690 can be programmed as either a
voltage source or a current source. To program
the SP6690 as voltage source, the SP6690 re-
quires 2 feedback resistors R1 & R2 to control
the output voltage. As shown in Figure 22.
Table 4. Divider Resistor Selection
VOUT (V)
R1 (
Ω)R2 (Ω)
12
1M
113K
15
1M
88.7K
18
1M
73.2K
21
1M
61.9K
30
1M
42.2K
Brightness Control
Dimming control can be achieved by applying a
PWM control signal to the SHDN pin. The
brightness of the white LEDs is controlled by
increasing and decreasing the duty cycle of The
PWM signal. A 0% duty cycle corresponds to
zero LED current and a 100% duty cycle corre-
sponds to full load current. While the operating
frequency range of the PWM control is from
60Hz to 700Hz, the recommended maximum
brightness frequency range of the PWM signal
is from 60Hz to 200Hz. A repetition rate of at
least 60Hz is required to prevent flicker. The
magnitude of the PWM signal should be higher
than the minimum SHDN voltage high.
Open Circuit Protection
When any white LED inside the white LED
module fails or the LED module is disconnected
from the circuit, the output and the feedback
control will be open, thus resulting in a high
output voltage, which may cause the SW pin
voltage to exceed it maximum rating. In this
case, a zener diode can be used at the output to
limit the voltage on the SW pin and protect the
part. The zener voltage should be larger than the
maximum forward voltage of the White LED
module.
APPLICATION INFORMAMTION: Continued
L1
1.22V
R2
D1
C1
C2
R1
VOUT
U1
SP6690
1
2
3
4
5
SW
G ND
FB
SHDN
V
I N
VIN
Figure 22. Using SP6690 as Voltage Source
The formula and table for the resistor selection
are shown below:
R1 =
(
VOUT
- 1
) • R2
1.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com