Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5952LC-1.3/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP5952LC-1.3/NOPB
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952LC-1.3/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5952LC-1.3/NOPB Datasheet HTML 17Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 18Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 19Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 20Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 21Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 22Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 23Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 24Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
VOUT
LM5050-1
Gate
IN
OUT
OFF
VS
GND
VIN
R1
GND
D1
D4
CIN
LM5050-1, LM5050-1-Q1
www.ti.com
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
9 Power Supply Recommendations
When the LM5050-1/-Q1 shuts off the external MOSFET, transient voltages will appear on the input and output
due to reverse recovery, as discussed in Short Circuit Failure of an Input Supply.To prevent LM5050-1 and
surrounding components from damage under the conditions of a direct input short circuit, it is necessary to clamp
the negative transient at IN, and OUT pins with TVS.
10 Layout
10.1 Layout Guidelines
The typical PCB layout for LM5050-1/-Q1 is shown in Figure 34. TI recommends connecting the IN, Gate and
OUT pins close to the source and drain pins of the MOSFET. Keep the traces of the MOSFET drain wide and
short to minimize resistive losses. Place surge suppressors (D1 and D4) components as shown in the example
layout of LM5050-1 in Layout Example.
10.2 Layout Example
Figure 34. Typical Layout Example With D2PAK N-MOSFET
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com