Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5952LC-1.3/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5952LC-1.3/NOPB
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952LC-1.3/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5952LC-1.3/NOPB Datasheet HTML 9Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 10Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 11Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 12Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 13Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 14Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 15Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 16Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
LM5050-1, LM5050-1-Q1
www.ti.com
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
Feature Description (continued)
If the MOSFET current reverses, possibly due to failure of the input supply, such that the voltage across the
LM5050-1 IN and OUT pins is more negative than the VSD(REV) voltage of -28 mV (typical), the LM5050-1 will
quickly discharge the MOSFET gate through a strong GATE to IN pin discharge transistor.
If the input supply fails abruptly, as would occur if the supply was shorted directly to ground, a reverse current
will temporarily flow through the MOSFET until the gate can be fully discharged. This reverse current is sourced
from the load capacitance and from the parallel connected supplies. The LM5050-1 responds to a voltage
reversal condition typically within 25 ns. The actual time required to turn off the MOSFET will depend on the
charge held by the gate capacitance of the MOSFET being used. A MOSFET with 47 nF of effective gate
capacitance can be turned off in typically 180 ns. This fast turnoff time minimizes voltage disturbances at the
output, as well as the current transients from the redundant supplies.
7.3.2 VS Pin
The LM5050-1 VS pin is the main supply pin for all internal biasing and an auxiliary supply for the internal gate
drive charge pump.
For typical LM5050-1 applications, where the input voltage is above 5 V, the VS pin can be connected directly to
the OUT pin. In situations where the input voltage is close to, but not less than, the 5 V minimum, it may be
helpful to connect the VS pin to the OUT pin through an RC Low-Pass filter to reduce the possibility of erratic
behavior due to spurious voltage spikes that may appear on the OUT and IN pins. The series resistor value
should be low enough to keep the VS voltage drop at a minimum. A typical series resistor value is 100
Ω. The
capacitor value should be the lowest value that produces acceptable filtering of the voltage noise.
If Vs is powered while IN is floating or grounded, then about 0.5 mA will leak from the Vs pin into the IC and
about 3mA will leak from the OUT pin into the IC. From this leakage, about 50 uA will flow out of the IN pin and
the rest will flow to ground. This does not affect long term reliability of the IC, but may influence circuit design.
See Reverse Input Voltage Protection With IQ Reduction for details on how to avoid this leakage current.
Alternately, it is possible to operate the LM5050-1 with VIN value as low as 1 V if the VS pin is powered from a
separate supply. This separate VS supply must be from 5 V and 75 V. See Figure 27.
7.3.3 OFF Pin
The OFF pin is a logic level input pin that is used to control the gate drive to the external MOSFET. The
maximum operating voltage on this pin is 5.5 V.
When the OFF pin is high, the MOSFET is turned off (independent of the sensed IN and OUT voltages). In this
mode, load current will flow through the body diode of the MOSFET. The voltage difference between the IN pin
and OUT pins will be approximately 700 mV if the MOSFET is operating normally through the body diode.
The OFF pin has an internal pulldown of 5 µA (typical). If the OFF function is not required the pin may be left
open or connected to ground.
7.4 Device Functional Modes
7.4.1 ON/OFF Control Mode
The MOSFET can be turned off by asserting the OFF pin high. This mode only disables the MOSFET, but VOUT
is still available through the body diode of the MOSFET.
7.4.2 External Power Supply Mode
The Vs pin of the LM5050 can be operated from 5 V to 75 V as the bias input supply. In this mode VIN voltage
can be as low as 1 V, as shown in Figure 27.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com