Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN4800LSSQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN4800LSSQ
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4800LSSQ Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN4800LSSQ Datasheet HTML 1Page - Diodes Incorporated DMN4800LSSQ Datasheet HTML 2Page - Diodes Incorporated DMN4800LSSQ Datasheet HTML 3Page - Diodes Incorporated DMN4800LSSQ Datasheet HTML 4Page - Diodes Incorporated DMN4800LSSQ Datasheet HTML 5Page - Diodes Incorporated DMN4800LSSQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMN4800LSSQ
Document number: DS37496 Rev. 1 - 2
5 of 6
www.diodes.com
March 2016
© Diodes Incorporated
DMN4800LSSQ
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
0.0001
0.001
0.01
0.1
1
10
100
1,000
Fig. 13 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
J
A
JA
12
R
(t) = r(t) *
JA
R
R
= 85°C/W
JA
JA
P(pk)
t1
t
2
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5
SO-8
Dim
Min
Max
A
-
1.75
A1
0.10
0.20
A2
1.30
1.50
A3
0.15
0.25
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.85
3.95
e
1.27 Typ
h
-
0.35
L
0.62
0.82

0
8
All Dimensions in mm
Dimensions
Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
X
C1
C2
Y



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com