Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN2041L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2041L
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2041L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2041L_13 Datasheet HTML 1Page - Diodes Incorporated DMN2041L_13 Datasheet HTML 2Page - Diodes Incorporated DMN2041L_13 Datasheet HTML 3Page - Diodes Incorporated DMN2041L_13 Datasheet HTML 4Page - Diodes Incorporated DMN2041L_13 Datasheet HTML 5Page - Diodes Incorporated DMN2041L_13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN2041L
Document number: DS31962 Rev. 2 - 2
2 of 6
www.diodes.com
October 2013
© Diodes Incorporated
DMN2041L
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 5)
Steady
State
TA = +25°C
TA = +70°C
ID
6.4
4.5
A
Pulsed Drain Current (Note 6)
IDM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
0.78
W
Thermal Resistance, Junction to Ambient @ TA = +25°C
RθJA
161
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 PCB with minimum recommended pad layout.
6. Repetitive rating, pulse width limited by junction temperature.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
1.0
µA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.5
1.2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
20
26
28
41
mΩ
VGS = 4.5V, ID = 6.0A
VGS = 2.5V, ID = 5.2A
Forward Transfer Admittance
|Yfs|
6
S
VDS = 10V, ID = 6A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 1.7A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
550
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
88
Reverse Transfer Capacitance
Crss
81
Gate Resistance
Rg
1.34
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (10V)
Qg
15.6
nC
VGS = 10V, VDS = 10V, ID = 6A
Total Gate Charge (4.5V)
Qg
7.2
nC
VGS = 4.5V, VDS = 10V, ID = 6A
Gate-Source Charge
Qgs
1.0
Gate-Drain Charge
Qgd
1.9
Turn-On Delay Time
tD(on)
4.69
ns
VDD = 10V, VGEN = 4.5V,
RGEN = 1Ω, ID = 6.7A
Turn-On Rise Time
tr
13.19
Turn-Off Delay Time
tD(off)
22.10
Turn-Off Fall Time
tf
6.43
Notes:
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com