Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6C48545 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C48545
Description  3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVDS Fanout Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48545 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C48545 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48545 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48545 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48545 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48545 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8770
06/23/05
PI6C48545
Block Diagram
Features
Maximum operation frequency: 650 MHz
4 pair of differential LVDS outputs
Selectable CLK0 and CLK1 inputs
CLK0, CLK1 accept LVCMOS, LVTTL input level
Output Skew: 40ps (maximum)
Part-to-part skew: 300ps (maximum)
Propagation delay: 2.2ns (maximum)
3.3V power supply
Pin-to-pin compatible to ICS8545
Operating Temperature: -40oC to 85oC
Packaging (Pb-free & Green):
- 20-pin TSSOP (L)
3.3V Low Skew 1-to-4
LVTTL/LVCMOS to LVDS Fanout Buffer
Description
The PI6C48545 is a high-performance low-skew LVDS fanout
buffer. PI6C48545 features two selectable single-ended clock in-
puts and translate to four LVDS outputs. The CLK0 and CLK1
inputs accept LVCMOS or LVTTL signals. The outputs are
synchronized with input clock during asynchronous assertion/
deassertion of CLK_EN pin. PI6C48545 is ideal for single-ended
LVTTL/LVCMOS to LVDS translations. Typical clock transla-
tion and distribution applications are data-communications and
telecommunications.
Pin Diagram
CLK_EN
CLK0
CLK1
CLK_SEL
OE
Q3
nQ3
Q1
nQ1
Q2
nQ2
Q0
nQ0
0
1
D
LE
Q
GND
CLK_EN
CLK_SEL
CLK0
NC
CLK1
NC
OE
GND
VCC
Q0
nQ0
VCC
Q1
nQ1
Q2
nQ2
GND
Q3
nQ3
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11


Similar Part No. - PI6C48545

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48543 PERICOM-PI6C48543 Datasheet
364Kb / 7P
3.3V Low Skew 1-to-4, 800MHz, Differential to LVDS Fanout Buffer
PI6C48543LE PERICOM-PI6C48543LE Datasheet
364Kb / 7P
3.3V Low Skew 1-to-4, 800MHz, Differential to LVDS Fanout Buffer
More results

Similar Description - PI6C48545

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545I-02 IDT-ICS8545I-02 Datasheet
675Kb / 13P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545I IDT-ICS8545I Datasheet
715Kb / 15P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
8545-02 IDT-8545-02_12 Datasheet
240Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
8545 IDT-8545 Datasheet
228Kb / 15P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
854105 RENESAS-854105 Datasheet
407Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL-to-LVDS Fanout Buffer
7/10/15
854105I RENESAS-854105I Datasheet
474Kb / 14P
Low Skew, 1-to-4, LVCMOS/ LVTTL-to-LVDS Fanout Buffer
February 23, 2016
8545-01 RENESAS-8545-01 Datasheet
413Kb / 14P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
Rev A 7/10/15
8545-02 RENESAS-8545-02 Datasheet
402Kb / 14P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
8545I-02 RENESAS-8545I-02 Datasheet
390Kb / 14P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
REVISION A 5/7/15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com